Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14066BFELG Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC14066BFELG
Descripción Electrónicos  Quad Analog Switch/Quad Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14066BFELG Datasheet(HTML) 5 Page - ON Semiconductor

  MC14066BFELG Datasheet HTML 1Page - ON Semiconductor MC14066BFELG Datasheet HTML 2Page - ON Semiconductor MC14066BFELG Datasheet HTML 3Page - ON Semiconductor MC14066BFELG Datasheet HTML 4Page - ON Semiconductor MC14066BFELG Datasheet HTML 5Page - ON Semiconductor MC14066BFELG Datasheet HTML 6Page - ON Semiconductor MC14066BFELG Datasheet HTML 7Page - ON Semiconductor MC14066BFELG Datasheet HTML 8Page - ON Semiconductor MC14066BFELG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC14066B
http://onsemi.com
5
TEST CIRCUITS
Figure 1.
DV Across Switch
Figure 2. Turn−On Delay Time Test Circuit
and Waveforms
Figure 3. Bandwidth and
Feedthrough Attenuation
Figure 4. Channel Separation
Figure 5. Crosstalk,
Control to Output
Figure 6. Off Channel Leakage
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH
Vout
Vout
VC
VC
Vout
Vin
RL
CL
20 ns
VDD
VSS
90%
50%
10%
tPZH
tPHZ
tPZL
tPLZ
10%
90%
10%
Vx
Vout
CL
RL
VDD
VSS
VC
Vin
VDD - VSS
2
VDD - VSS
2
Vin
VDD
VSS
RL
CL
RL
CL
Vin
1 k
Vout
RL
CL = 50 pF
VC = -5.0 V TO +5.0 V SWING
VC = VDD FOR BANDWIDTH TEST
VC = VSS FOR FEEDTHROUGH TEST
OFF CHANNEL UNDER TEST
VDD
VSS
VSS
VDD
A
CONTROL
SECTION
OF IC
90%
Vin = VDD
Vx = VSS
Vin = VSS
Vx = VDD
10 k


Número de pieza similar - MC14066BFELG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14066BFELG ONSEMI-MC14066BFELG Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
More results

Descripción similar - MC14066BFELG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com