Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM10BW Datasheet(PDF) 1 Page - Cynergy3 Co

No. de pieza LM10BW
Descripción Electrónicos  High Density Polyethylene
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYNERGY3 [Cynergy3 Co]
Página de inicio  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

LM10BW Datasheet(HTML) 1 Page - Cynergy3 Co

  LM10BW Datasheet HTML 1Page - Cynergy3 Co LM10BW Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For smaller tanks and
restricted space
Use in sewer and
industrial waste
water
Shape avoids
“ragging”, in sewer
systems
Unaffected by
suspended solids
Operates in Turbulent
Fluids
This is suitable for use in water, industrial wastewater and sewage, that can have
wide variations of temperature. This small design of switch is for use in more confined
spaces, where there is not enough room for the larger FFSMC type.
The rounded body design and floating attitude prevents accumulation of solids on
the body. The switch has additional internal ballast, to bring the centre of gravity and
rotation close to the cable entry point.
The switching element is a self cleaning type, that makes the complete switch
insensitive to humidity and condensation, allowing this type to operate in widely
fluctuating temperatures. The switch contacts are rated at 10 Amp resistive.
Supplied, as standard, with 5 metres cable and adjustable counterweight.
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel:
+44 (0) 1202 897969
sales@cynergy3.com
On - Off
Differential
15°
15°
Off - On
47
75
Minimum Cable Pivot
length 120mm
Technical Specifications
LM10A
LM10B
LM10C
WW
W
Contact Form
N/O
N/C
C/O
Material
High Density Polyethylene
Temp Range
°C
0 / +55
°C
(WRAS approved up to +23
)
°F
+ 32 / +131
Cable (standard length 5m)
With protective earth
no earth
Standard cable covering
WRC Approved
Max. working pressure
10 bar
Electrical Specifications
Power Rating
Max
AC : 750 VA DC : 180W
Switching Voltage
Max
AC : 250 V DC : 110 V
Switching Current Max. Resistive
10 A
Switching Current Max. Inductive
AC : 4A DC : 1 A
129
It is necessary to use an auxiliary relay, when switching pump motors or any loads that are not
purely resistive.
LM
Series
WRAS Approved
www.cynergy3.com
ISO 9001CERTIFIED
© 2014 Cynergy3 omponents, All Rights Reserved.
C
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.


Número de pieza similar - LM10BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cynergy3 Co
LM10BW10 CYNERGY3-LM10BW10 Datasheet
80Kb / 2P
   Direct power switching
More results

Descripción similar - LM10BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cynergy3 Co
LITTLE-EX-5 CYNERGY3-LITTLE-EX-5 Datasheet
42Kb / 1P
   High Density Polyethylene
logo
List of Unclassifed Man...
FT6236 ETC1-FT6236 Datasheet
93Kb / 2P
   Low Density Polyethylene
9438 ETC2-9438 Datasheet
92Kb / 2P
   Tinned copper conductor. Black high-density polyethylene insulation
logo
Belden Inc.
123108A BELDEN-123108A Datasheet
92Kb / 1P
   THREE 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133109A BELDEN-133109A Datasheet
81Kb / 1P
   FOUR 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
   ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
123109A BELDEN-123109A Datasheet
84Kb / 2P
   FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
   THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
logo
List of Unclassifed Man...
5401G ETC-5401G Datasheet
34Kb / 2P
   Enhanced Polyethylene Resin
May 2001
logo
General Cable Technolog...
C1326 GENERAL-C1326 Datasheet
58Kb / 1P
   Rubber/PVC/Polyethylene
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com