Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2101 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSC2101
Descripción Electrónicos  AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSC2101 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2101 Datasheet HTML 1Page - Texas Instruments TSC2101 Datasheet HTML 2Page - Texas Instruments TSC2101 Datasheet HTML 3Page - Texas Instruments TSC2101 Datasheet HTML 4Page - Texas Instruments TSC2101 Datasheet HTML 5Page - Texas Instruments TSC2101 Datasheet HTML 6Page - Texas Instruments TSC2101 Datasheet HTML 7Page - Texas Instruments TSC2101 Datasheet HTML 8Page - Texas Instruments TSC2101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
TSC2101
SLAS392C− JUNE 2003 − REVISED SEPTEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
At +25
°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Int. Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise
noted (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MICROPHONE INPUT TO ADC
MICIN_HED 1020 Hz sine wave input,
Fs = 48 ksps
Full-scale input voltage (0 dB)
0.707
Vrms
Input common mode
1.5
V
SNR
Measured as idle channel noise, 0 dB gain,
A-weighted
80
90
dBA
THD
0.63 Vrms input, 0-dB gain
−81
−72
dB
PSRR
217 Hz, 100 mV on AVDD1/2(1)
55
dB
PSRR
1020 Hz, 100 mV on AVDD1/2(1)
55
dB
Mute attenuation
Output code with 0.63 Vrms sine wave input at
1 kHz
0000H
Input resistance
Only ADC on
15
50
k
Input resistance
ADC and Sidetone on
8
16
k
Input capacitance
10
pF
HEADSET MICROPHONE BIAS
Register 1DH/Page 2, D7−D8=00
3.3
Voltage range
Register 1DH/Page 2, D7−D8=01
2.5
V
Voltage range
Register 1DH/Page 2, D7−D8=1X
2
V
217 Hz, 100 mV on AVDD1/2
55
PSRR
217 Hz, 100 mV on BVDD
74
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
55
dB
1020 Hz, 100 mV on BVDD
74
Sourcing current
Voltage drop <25 mV
5
mA
HANDSET MICROPHONE BIAS
Voltage range
Register 1DH/Page 2, D6=0
2.5
V
Voltage range
Register 1DH/Page 2, D6=1
2
V
PSRR
217 Hz, 100 mV on AVDD1/2
55
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
55
dB
Sourcing current
Voltage drop <25 mV
5
mA
DAC INTERPOLATION FILTER
Pass band
20
0.45Fs
Hz
Pass band ripple
±0.06
dB
Transition band
0.45Fs
0.5501Fs
Hz
Stop band
0.5501Fs
7.455Fs
Hz
Stop band attenuation
65
dB
Filter group delay
21/Fs
Sec
De-emphasis error
±0.1
dB
(1) ADC PSRR measurement is calculated as:
PSRR
+ 20 log
10
VSIGsup
V
ADCOUT
where VSIGsup is the ac signal applied on AVDD1/2, which is 100 mVPP at 1020 Hz, and
V
ADCOUT +
Amplitude of Digital Output
Max Possible Digital Amplitude


Número de pieza similar - TSC2101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2101 TI-TSC2101 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZ TI-TSC2101IRGZ Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZ TI-TSC2101IRGZ Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZG4 TI-TSC2101IRGZG4 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

Descripción similar - TSC2101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com