Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79628KTTR Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS79628KTTR
Descripción Electrónicos  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS79628KTTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79628KTTR Datasheet HTML 6Page - Texas Instruments TPS79628KTTR Datasheet HTML 7Page - Texas Instruments TPS79628KTTR Datasheet HTML 8Page - Texas Instruments TPS79628KTTR Datasheet HTML 9Page - Texas Instruments TPS79628KTTR Datasheet HTML 10Page - Texas Instruments TPS79628KTTR Datasheet HTML 11Page - Texas Instruments TPS79628KTTR Datasheet HTML 12Page - Texas Instruments TPS79628KTTR Datasheet HTML 13Page - Texas Instruments TPS79628KTTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
Regulator Protection
R1 +
V
O
V
REF
* 1
R2
(2)
C1 +
(3 x 10–7) x (R1 ) R2)
(R1 x R2)
(3)
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
C1
GND
NR
FB
IN
OUT
EN
V
IN
V
OUT
R1
C1
R2
0.01
µF
TPS79601
1
µF
1.8 V
3.6V
14.0 k
57.9 k
30.1 k
30.1 k
33 pF
15 pF
2.2
µF
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
The recommended design procedure is to choose
R2 = 30.1 k
Ω to set the divider current at 40 µA, C1 =
The TPS796xx PMOS-pass transistor has a built-in
15 pF for stability, and then calculate R1 using
back diode that conducts reverse current when the
Equation 2:
input voltage drops below the output voltage (e.g.,
during power down). Current is conducted from the
output to the input and is not internally limited. If
extended reverse voltage operation is anticipated,
external limiting might be appropriate.
In order to improve the stability of the adjustable
The TPS796xx features internal current limiting and
version, it is suggested that a small compensation
thermal protection. During normal operation, the
capacitor be placed between OUT and FB. The
TPS796xx limits output current to approximately 2.8
approximate value of this capacitor can be calculated
A. When current limiting engages, the output voltage
as Equation 3:
scales back linearly until the overcurrent condition
ends. While current limiting is designed to prevent
gross device failure, care should be taken not to
exceed the power dissipation ratings of the package.
The suggested value of this capacitor for several
If the temperature of the device exceeds approxi-
resistor ratios is shown in the table below (see
mately 165
°C, thermal-protection circuitry shuts it
Figure 23). If this capacitor is not used (such as in a
down. Once the device has cooled down to below
unity-gain configuration) then the minimum rec-
approximately 140
°C, regulator operation resumes.
ommended output capacitor is 2.2 µF instead of 1 µF.
Figure 23. TPS79601 Adjustable LDO Regulator Programming
10


Número de pieza similar - TPS79628KTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79628KTTR TI-TPS79628KTTR Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTRG3 TI-TPS79628KTTRG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79628KTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com