Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79628KTTT Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS79628KTTT
Descripción Electrónicos  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS79628KTTT Datasheet(HTML) 4 Page - Texas Instruments

  TPS79628KTTT Datasheet HTML 1Page - Texas Instruments TPS79628KTTT Datasheet HTML 2Page - Texas Instruments TPS79628KTTT Datasheet HTML 3Page - Texas Instruments TPS79628KTTT Datasheet HTML 4Page - Texas Instruments TPS79628KTTT Datasheet HTML 5Page - Texas Instruments TPS79628KTTT Datasheet HTML 6Page - Texas Instruments TPS79628KTTT Datasheet HTML 7Page - Texas Instruments TPS79628KTTT Datasheet HTML 8Page - Texas Instruments TPS79628KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
over recommended operating temperature range (T
J = -40 to 125°C), VEN = VIN,, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,
C
OUT = 10 µF, CNR = 0.01 µF (unless otherwise noted). Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage(1)
2.7
5.5
V
IOUT Continuous output current(1)
0
1
A
TPS79618
0 µA < IOUT < 1 A
2.8 V < VIN < 5.5 V
1.764
1.8
1.836
V
TPS79625
0 µA < IOUT < 1 A
3.5 V < VIN < 5.5 V
2.45
2.5
2.55
Output voltage
TPS79628
0 µA < IOUT < 1 A
3.8 V < VIN < 5.5 V
2.744
2.8
2.856
V
TPS79630
0 µA < IOUT < 1 A
4 V < VIN < 5.5 V
2.94
3.0
3.06
TPS79633
0 µA < IOUT < 1 A
4.3 V < VIN < 5.5 V
3.234
3.3
3.366
Output voltage line regulation (
∆V
OUT%/VIN)
(1)
VOUT + 1 V < VIN ≤ 5.5 V
0.05
0.12
%/V
Load regulation (
∆V
OUT%/∆IOUT)
0 µA < IOUT < 1 A
TJ = 25°C
5
mV
IOUT = 1 A
270
365
TPS79628
IOUT = 250 mA
67
90
Dropout voltage (2)
mV
(VIN = VOUT (nom) - 0.1V)
TPS79630
IOUT = 1 A
250
345
TPS79633
IOUT = 1 A
220
325
Output current limit
VOUT = 0 V
2.4
4.2
A
Ground pin current
0 µA < IOUT < 1 A
265
385
µA
Shutdown current(3)
VEN = 0 V, 2.7 V < VIN < 5.5 V
0.07
1
µA
FB pin current
FB = 1.8 V
1
µA
f = 100 Hz
IOUT = 10 mA
59
f = 100 Hz
IOUT = 1 A
54
Power-supply ripple rejection
TPS79630
dB
f = 10 Hz
IOUT = 1 A
53
f = 100 Hz
IOUT = 1 A
42
CNR = 0.001 µF
54
CNR = 0.0047 µF
46
BW = 100 Hz to 100 kHz,
Output noise voltage (TPS79630)
µVRMS
IOUT = 1 A
CNR = 0.01 µF
41
CNR = 0.1 µF
40
CNR = 0.001 µF
50
Time, start-up (TPS79630)
RL = 3 Ω, COUT = 1 µF
CNR = 0.0047 µF
75
µs
CNR = 0.01 µF
110
EN pin current
VEN = 0V
-1
1
µA
High-level enable input voltage
2.7 V < VIN < 5.5 V
1.7
VIN
V
Low-level enable input voltage
2.7 V < VIN < 5.5 V
0
0.7
V
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
VDO is not measured for TPS79618 and TPS79625 because minimum VIN = 2.7V.
(3)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
4


Número de pieza similar - TPS79628KTTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79628KTTT TI-TPS79628KTTT Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTTG3 TI-TPS79628KTTTG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79628KTTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com