Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS79633KTTT Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS79633KTTT
Descripción Electrónicos  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS79633KTTT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79633KTTT Datasheet HTML 4Page - Texas Instruments TPS79633KTTT Datasheet HTML 5Page - Texas Instruments TPS79633KTTT Datasheet HTML 6Page - Texas Instruments TPS79633KTTT Datasheet HTML 7Page - Texas Instruments TPS79633KTTT Datasheet HTML 8Page - Texas Instruments TPS79633KTTT Datasheet HTML 9Page - Texas Instruments TPS79633KTTT Datasheet HTML 10Page - Texas Instruments TPS79633KTTT Datasheet HTML 11Page - Texas Instruments TPS79633KTTT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
0
50
100
150
200
250
300
350
0 100 200 300 400 500 600 700 800 9001000
IOUT (mA)
TJ = 125°C
TJ = −40°C
TJ = 25°C
0
50
100
150
200
250
300
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
TJ = 125°C
TJ = −40°C
TJ = 25°C
IOUT = 1 A
COUT = 10 µF
CNR = 0.01 µF
200
µs/Div
4.0
3.5
2.5
0.5
0
3.0
1.0
1.5
2.0
3
2
1
0
4
5
6
7
8
9
10
VOUT = 2.5 V
RL = 10 Ω
CNR = 0.01 µF
VIN
VOUT
IOUT (mA)
100
10
1
0.1
0.01
COUT = 10.0 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 1 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
IOUT (mA)
100
10
1
0.1
0.01
COUT = 2.2 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS79630
TPS79601
DROPOUT VOLTAGE
DROPOUT VOLTAGE
TPS79625
vs
vs
POWER UP/POWER DOWN
OUTPUT CURRENT
INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
TPS79630
TPS79630
TPS79630
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
(ESR)
(ESR)
(ESR)
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
Figure 21.
8


Número de pieza similar - TPS79633KTTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79633KTTT TI-TPS79633KTTT Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79633KTTTG3 TI-TPS79633KTTTG3 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS79633KTTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com