Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ75CA Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

No. de pieza SMAJ75CA
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAJ75CA Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  SMAJ75CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ75CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ75CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ75CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMAJ75CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
RWM
RWM
Breakdown
Marking
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
(Uni)
(Bi)
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
TYPE
94.0
SMAJ100A
www.sunmate.tw
SMAJ85
SMAJ85C
RU
85
WU
119.2
1.0
151
2.6
5.0
94.0
108.2
1.0
137
2.9
5.0
SMAJ85A
SMAJ85CA
RV
WV
85
SMAJ90
SMAJ90C
RW
WW
90
100
126.5
1.0
160
2.5
5.0
RX
WX
90
SMAJ90A
SMAJ90CA
100
115.5
1.0
146
2.7
5.0
111
141.0
1.0
179
2.2
5.0
RY
WY
100
SMAJ100
SMAJ100C
RZ
WZ
SMAJ100CA
100
111
128.0
1.0
162
2.5
5.0
110
122
154.5
1.0
196
2.0
5.0
SMAJ110
SMAJ110C
SD
XD
110
122
140.5
1.0
177
2.3
5.0
SMAJ110A
SMAJ110CA
SE
XE
SMAJ120
SMAJ120C
SF
XF
120
133
169.0
1.0
214
5.0
1.9
120
133
153.0
1.0
193
5.0
2.1
SMAJ120A
SMAJ120CA
SG
XG
SMAJ130
SMAJ130C
SH
XH
130
144
182.5
1.0
231
1.7
5.0
130
144
165.5
1.0
209
1.9
5.0
SMAJ130A
SMAJ130CA
SK
XK
SMAJ150
SMAJ150C
SL
XL
150
167
211.5
1.0
268
1.5
5.0
150
167
192.5
1.0
243
1.6
5.0
SMAJ150A
SMAJ150CA
SM
XM
SMAJ160
SMAJ160C
SN
XN
160
178
226.0
1.0
287
1.4
5.0
160
178
205.0
1.0
259
1.5
5.0
SMAJ160A
SMAJ160CA
SP
XP
SMAJ170
SMAJ170C
SQ
XQ
170
189
239.5
1.0
304
1.3
5.0
170
189
217.5
1.0
275
1.5
5.0
SMAJ170A
SMAJ170CA
SR
XR
SS
XS
180
SMAJ180
SMAJ180C
200
253.8
1.0
321
1.2
5.0
180
200
230.4
1.0
290
1.4
5.0
SMAJ180A
SMAJ180CA
ST
XT
SMAJ190
SMAJ190C
SU
XU
190
211
267.9
1.0
339
1.2
5.0
211
243.2
1.0
306
1.3
5.0
SMAJ190A
SMAJ190CA
SV
XV
190
SMAJ200
SMAJ200C
SW
XW
200
222
282.0
1.0
356
1.1
5.0
200
222
256.0
1.0
322
1.2
5.0
SMAJ200A
SMAJ200CA
SX
XX
SMAJ210
SMAJ210C
SY
XY
210
233
296.1
1.0
375
1.1
5.0
SMAJ210A
SMAJ210CA
SZ
XZ
210
233
268.8
1.0
339
1.2
5.0
244
310.2
1.0
392
1.0
5.0
SMAJ220
SMAJ220C
ZD
YD
220
220
244
281.6
1.0
355
1.1
5.0
SMAJ220A
SMAJ220CA
ZE
YE
SMAJ250
SMAJ250C
ZF
YF
250
278
342.5
1.0
447
0.9
5.0
250
278
309.0
1.0
403
1.0
5.0
SMAJ250A
SMAJ250CA
ZG
YG
SMAJ300
SMAJ300C
ZH
YH
300
333
411.0
1.0
535
0.7
5.0
300
333
371.0
1.0
484
0.8
5.0
SMAJ300A
SMAJ300CA
ZK
YK
SMAJ350
SMAJ350C
ZL
YL
350
389
479.5
1.0
624
0.6
5.0
SMAJ350A
SMAJ350CA
ZM
YM
350
389
432.0
1.0
565
0.7
5.0
SMAJ400
SMAJ400C
ZN
YN
400
444
548.0
1.0
687
0.6
5.0
SMAJ400A
SMAJ400CA
ZP
YP
400
444
494.0
1.0
645
0.6
5.0
489
602.8
1.0
786
0.5
5.0
SMAJ440
SMAJ440C
ZQ
YQ
440
440
489
543.0
1.0
710
0.6
5.0
SMAJ440A
SMAJ440CA
ZR
YR
(Uni)
(Bi)


Número de pieza similar - SMAJ75CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SMAJ75CA DIODES-SMAJ75CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ75CA DIODES-SMAJ75CA Datasheet
80Kb / 3P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
Diotech Company.
SMAJ75CA DIOTECH-SMAJ75CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
SMAJ75CA ZSELEC-SMAJ75CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ75CA DIODES-SMAJ75CA Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMAJ75CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com