Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10040CIMTX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC10040CIMTX
Descripción Electrónicos  10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10040CIMTX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC10040CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 9Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 10Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 11Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 12Page - National Semiconductor (TI) ADC10040CIMTX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Timing Diagram
Transfer Characteristics
20077809
FIGURE 1. Clock and Data Timing Diagram
20077810
FIGURE 2. Input vs. Output Transfer Characteristic
www.national.com
9


Número de pieza similar - ADC10040CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10040CIMTX TI1-ADC10040CIMTX Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10040CIMTX/NOPB TI1-ADC10040CIMTX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results

Descripción similar - ADC10040CIMTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com