Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018698 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0622018698
Descripción Electrónicos  Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018698 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018698 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018698 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Electrical Model Document
EE-76150-001, EE-76560-0001
Packaging Specification
PK-70873-589
Product Specification
PS-76060-999-001
S-Parameter Model
SP-76150-001, SP-76560-0001
Sales Drawing
SD-76150-001
Symbol/Footprint Data
SYM-76150-1024
Press-In Tool for 6-
Pair by 14-Column
Backplane
0622018698
Impact Daughter
Card Extraction Tool
0622024300
This document was generated on 11/21/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0622018698

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018698 MOLEX11-0622018698 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0622018698 MOLEX11-0622018698 Datasheet
43Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Left Guided
0622018698 MOLEX11-0622018698 Datasheet
43Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Left Guided
0622018698 MOLEX11-0622018698 Datasheet
40Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0622018698 MOLEX11-0622018698 Datasheet
40Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
More results

Descripción similar - 0622018698

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0761501014 MOLEX11-0761501014 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501014 MOLEX1-0761501014_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501026 MOLEX1-0761501026_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501010 MOLEX11-0761501010 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501016 MOLEX11-0761501016 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501026 MOLEX11-0761501026 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501010 MOLEX1-0761501010_17 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501016 MOLEX1-0761501016_17 Datasheet
42Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501020 MOLEX1-0761501020_17 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0761501024 MOLEX1-0761501024_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com