Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BA6406F_12 Datasheet(Hoja de datos) 1 Page - Rohm

No. de Pieza. BA6406F_12
Descripción  Two-Phase Half-Wave Pre Driver Fan Motor Driver
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

 
 1 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/12
TSZ02201-0H1H0B100480-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
Datasheet
www.rohm.com
DC Brushless Motor Drivers for Cooling Fans
Two-Phase Half-Wave Pre Driver
Fan Motor Driver
BA6406F
●General description
BA6406F is two-phase half-wave fan motor pre-driver.
This driver incorporates lock protection, automatic restart
circuit and Lock alarm signal output.
●Features
Incorporates lock protection
Automatic restart circuit
Lock alarm signal (AL) output
●Package
W (Typ.) x D (Typ.) x H (Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
●Application
For desktop PC, server, general consumer equipment, communication equipment and industrial equipment.
●Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Supply voltage
Vcc
30
V
Power dissipation
Pd
624
*1
mW
Operating temperature
Topr
–40 to +100
°C
Storage temperature
Tstg
–55 to +125
°C
Output current
Iomax
70
mA
AL signal output current
IAL
8
mA
AL signal output voltage
VAL
30
V
Junction temperature
Tjmax
125
°C
*1
Reduce by 6.24mW/°C over Ta=25°C. (On 70.0mm×70.0mm×1.6mm glass epoxy board)
●Recommended operating conditions
Parameter
Symbol
Limit
Unit
Operating supply voltage range
Vcc
4.0 to 28.0
V
Hall input voltage range
VH
1.0 to Vcc-0.5
V
SOP8




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl