Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018663 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0622018663
Descripción Electrónicos  Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018663 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018663 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018663 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/16/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0761505126
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided, 16
Columns, 288 Circuits, Plated Through Hole Dimension 0.39mm, Polarizing Key
Position A, Lead-Free
Documents:
3D Model
Application Specification AS-76060-9999-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-589 (PDF)
Product Specification PS-76060-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-76060-990-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76150
Application
Conventional, Coplanar, Daughtercard
Application Tooling Documents
TM-622018799
Component Type
PCB Receptacle
Electrical Model
Yes
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
884982472822
Physical
Circuits (Loaded)
288
Circuits (maximum)
288
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
41.110/g
Number of Columns
16
Number of Pairs
6
Number of Rows
18
Orientation
Right Angle
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
76150 Series
Mates With
76145 Impact™ 100 Ohm Vertical
Backplane Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Daughter Card
Signal Module
Assembly Press-In
Tool for 6-Pair by 16-
Column Assemblies
0622018663
Impact Daughter
Card Extraction Tool
0622024300


Número de pieza similar - 0622018663

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018663 MOLEX11-0622018663 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0622018663 MOLEX11-0622018663 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
0622018663 MOLEX11-0622018663 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Left Guided
0622018663 MOLEX11-0622018663 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Left Guided,
0622018663 MOLEX11-0622018663 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Left Guided
More results

Descripción similar - 0622018663

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0761505026 MOLEX1-0761505026_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505110 MOLEX11-0761505110 Datasheet
48Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505116 MOLEX11-0761505116 Datasheet
51Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505010 MOLEX1-0761505010_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505120 MOLEX11-0761505120 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505020 MOLEX1-0761505020_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505010 MOLEX11-0761505010 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505016 MOLEX11-0761505016 Datasheet
45Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505116 MOLEX1-0761505116_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505024 MOLEX1-0761505024_17 Datasheet
39Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
0761505326 MOLEX1-0761505326_17 Datasheet
50Kb / 2P
   Impact 100 Ohm 6 Pair Right Angle Daughtercard Receptacle, Right Guided
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com