Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018677 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0622018677
Descripción Electrónicos  Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018677 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018677 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018677 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/21/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0761605008
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided, 8
Columns, 96 Circuits, Plated Through Hole Dimension 0.46mm, Lead-Free
Documents:
3D Model
Application Specification AS-76060-990-001 (PDF)
Drawing (PDF)
Application Specification AS-76060-9999-001 (PDF)
Product Specification PS-76060-999-001 (PDF)
Packaging Specification PK-70873-610 (PDF)
Product Specification TS-76160-0001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76160
Application
Conventional, Coplanar, Daughtercard
Application Tooling Documents
TM-622018799
Component Type
PCB Receptacle
Electrical Model
Yes
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
884982776876
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
12.911/g
Number of Columns
8
Number of Pairs
4
Number of Rows
12
Orientation
Right Angle
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
76160 Series
Mates With
76155 Impact™ 100 Ohm Vertical Header,
76500 Impact™ 100 Ohm Right Angle Male
Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Press-In Tool for
Daughter Card
Module
0622018677


Número de pieza similar - 0622018677

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018677 MOLEX11-0622018677 Datasheet
43Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
0622018677 MOLEX11-0622018677 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Right Guide
0622018677 MOLEX11-0622018677 Datasheet
43Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
0622018677 MOLEX11-0622018677 Datasheet
50Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Right Guide
0622018677 MOLEX11-0622018677 Datasheet
46Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Left Guided
More results

Descripción similar - 0622018677

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0761605220 MOLEX11-0761605220 Datasheet
39Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605038 MOLEX1-0761605038_17 Datasheet
47Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605126 MOLEX1-0761605126_17 Datasheet
47Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605138 MOLEX1-0761605138_17 Datasheet
46Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605620 MOLEX1-0761605620_17 Datasheet
38Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605036 MOLEX11-0761605036 Datasheet
42Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605020 MOLEX1-0761605020_17 Datasheet
38Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605026 MOLEX11-0761605026 Datasheet
51Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605320 MOLEX11-0761605320 Datasheet
39Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605620 MOLEX11-0761605620 Datasheet
39Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
0761605010 MOLEX11-0761605010 Datasheet
40Kb / 2P
   Impact 100 Ohm 4 Pair Right Angle Daughtercard Receptacle, Right Guided
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com