Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8902BRGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8902BRGET
Descripción Electrónicos  20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8902BRGET Datasheet(HTML) 3 Page - Texas Instruments

  ADS8902BRGET Datasheet HTML 1Page - Texas Instruments ADS8902BRGET Datasheet HTML 2Page - Texas Instruments ADS8902BRGET Datasheet HTML 3Page - Texas Instruments ADS8902BRGET Datasheet HTML 4Page - Texas Instruments ADS8902BRGET Datasheet HTML 5Page - Texas Instruments ADS8902BRGET Datasheet HTML 6Page - Texas Instruments ADS8902BRGET Datasheet HTML 7Page - Texas Instruments ADS8902BRGET Datasheet HTML 8Page - Texas Instruments ADS8902BRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
Not to scale
Thermal
Pad
1
CONVST
18
SDO-2
2
RST
17
SDO-3
3
REFIN
16
DVDD
4
REFM
15
GND
5
REFBUFOUT
14
DECAP
6
NC
13
DECAP
3
ADS8900B, ADS8902B, ADS8904B
www.ti.com
SBAS728 – NOVEMBER 2016
Product Folder Links: ADS8900B ADS8902B ADS8904B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGE Package
24-Pin VQFN
Top View
Pin Functions
PIN
FUNCTION
DESCRIPTION
NAME
NO.
AINM
10
Analog input
Negative analog input
AINP
9
Analog input
Positive analog input
CS
24
Digital input
Chip-select input pin; active low
The device takes control of the data bus when CS is low.
The SDO-x pins go to Hi-Z when CS is high.
CONVST
1
Digital input
Conversion start input pin.
A CONVST rising edge brings the device from ACQ state to CNV state.
DECAP
13, 14
Power supply
Place decoupling capacitor here for internal power supply. Short pin 13 and 14 together.
DVDD
16
Power supply
Interface power supply pin
GND
11, 15
Power supply
Ground
NC
6
No connection
Float these pins; no external connection.
REFBUFOUT
5, 7
Analog input/output Reference buffer output, ADC reference input. Short pin 5 and 7 together.
REFIN
3
Analog input
Reference voltage input
REFM
4, 8
Analog input
Reference ground potential
RST
2
Digital input
Asynchronous reset input pin.
A low pulse on the RST pin resets the device. All register bits return to the default state.
RVDD
12
Power supply
Analog power supply pin.
RVS
21
Digital output
Multifunction output pin.
With CS held high, RVS reflects the status of the internal ADCST signal.
With CS low, the status of RVS depends on the output protocol selection.
SCLK
23
Digital input
Clock input pin for the serial interface.
All system-synchronous data transfer protocols are timed with respect to the SCLK signal.
SDI
22
Digital input
Serial data input pin.
This pin is used to feed data or commands into the device.


Número de pieza similar - ADS8902BRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGER TI1-ADS8910BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGET TI1-ADS8910BRGET Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912B TI1-ADS8912B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912BRGER TI1-ADS8912BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
More results

Descripción similar - ADS8902BRGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com