Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2670T-ADJ Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2670T-ADJ
Descripción Electrónicos  SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2670T-ADJ Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2670T-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2670T-ADJ Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Application Hints
The LM2670 provides all of the active functions required for
a step-down (buck) switching regulator. The internal power
switch is a DMOS power MOSFET to provide power supply
designs with high current capability, up to 3A, and highly
efficient operation.
The LM2670 is part of the SIMPLE SWITCHER family of
power converters. A complete design uses a minimum num-
ber of external components, which have been pre-
determined from a variety of manufacturers. Using either this
data sheet or a design software program called LM267X
Made Simple (version 2.0) a complete switching power
supply can be designed quickly. The software is provided
free of charge and can be downloaded from National Semi-
conductor’s Internet site located at http://www.national.com.
SWITCH OUTPUT
This is the output of a power MOSFET switch connected
directly to the input voltage. The switch provides energy to
an inductor, an output capacitor and the load circuitry under
control of an internal pulse-width-modulator (PWM). The
PWM controller is internally clocked by a fixed 260KHz
oscillator. In a standard step-down application the duty cycle
(Time ON/Time OFF) of the power switch is proportional to
the ratio of the power supply output voltage to the input
voltage. The voltage on pin 1 switches between Vin (switch
ON) and below ground by the voltage drop of the external
Schottky diode (switch OFF).
INPUT
The input voltage for the power supply is connected to pin 2.
In addition to providing energy to the load the input voltage
also provides bias for the internal circuitry of the LM2670.
For guaranteed performance the input voltage must be in the
range of 8V to 40V. For best performance of the power
supply the input pin should always be bypassed with an input
capacitor located close to pin 2.
C BOOST
A capacitor must be connected from pin 3 to the switch
output, pin 1. This capacitor boosts the gate drive to the
internal MOSFET above Vin to fully turn it ON. This mini-
mizes conduction losses in the power switch to maintain high
efficiency. The recommended value for C Boost is 0.01µF.
GROUND
This is the ground reference connection for all components
in the power supply. In fast-switching, high-current applica-
tions such as those implemented with the LM2670, it is
recommended that a broad ground plane be used to mini-
mize signal coupling throughout the circuit
SYNC
This input allows control of the switching clock frequency. If
left open-circuited the regulator will be switched at the inter-
nal oscillator frequency, between 225KHz and 280KHz. An
external clock can be used to force the switching frequency
and thereby control the output ripple frequency of the regu-
lator. This capability provides for consistent filtering of the
output ripple from system to system as well as precise
frequency spectrum positioning of the ripple frequency which
is often desired in communications and radio applications.
This external frequency must be greater than the LM2670
internal oscillator frequency, which could be as high as
280KHz, to prevent an erroneous reset of the internal ramp
oscillator and PWM control of the power switch. The ramp
oscillator is reset on the positive going edge of the sync input
signal. It is recommended that the external TTL or CMOS
compatible clock (between 0V and a level greater than 3V)
be ac coupled to the sync input through a 100pf capacitor
anda1K
Ω resistor to ground at pin 5 as shown inFigure 1.
FEEDBACK
This is the input to a two-stage high gain amplifier, which
drives the PWM controller. It is necessary to connect pin 6 to
the actual output of the power supply to set the dc output
voltage. For the fixed output devices (3.3V, 5V and 12V
outputs), a direct wire connection to the output is all that is
required as internal gain setting resistors are provided inside
the LM2670. For the adjustable output version two external
resistors are required to set the dc output voltage. For stable
operation of the power supply it is important to prevent
coupling of any inductor flux to the feedback input.
ON/OFF
This input provides an electrical ON/OFF control of the
power supply. Connecting this pin to ground or to any volt-
age less than 0.8V will completely turn OFF the regulator.
The current drain from the input supply when OFF is only
50µA. Pin 7 has an internal pull-up current source of approxi-
mately 20µA and a protection clamp zener diode of 7V to
ground. When electrically driving the ON/OFF pin the high
voltage level for the ON condition should not exceed the 6V
absolute maximum limit. When ON/OFF control is not re-
quired pin 7 should be left open circuited.
DAP (LLP PACKAGE)
The Die Attach Pad (DAP) can and should be connected to
PCB Ground plane/island. For CAD and assembly guide-
lines
refer
to
Application
Note
AN-1187
at
http://
power.national.com.
www.national.com
10


Número de pieza similar - LM2670T-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2670T-ADJ TI-LM2670T-ADJ Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2670T-ADJ/NOPB TI1-LM2670T-ADJ/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
More results

Descripción similar - LM2670T-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2670SX-33 TI-LM2670SX-33 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-5 TI-LM2676SX-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI1-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com