Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4001GU Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza 1N4001GU
Descripción Electrónicos  1.0 AMP. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1N4001GU Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  1N4001GU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1N4001GU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4007GU
4006GU
4005GU
4004GU
4003GU
4002GU
4001GU
1N 4 001G U THRU 1N 4 007 G U
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Ambient(Note 1)
Typical Junction Capacitance (Note 2)
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-41
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
· Lead Free: For Rohs/Lead Free Version
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
Features
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeters)
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
V
IO
A
IFSM
A
VFM
V
C
pF
T
TSTG
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Average Rectified Output Current (Note 1)
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
At Rated DC Blocking Voltage @TA=100℃
Typical Thermal Resistance Junction to
Operating Temperature Range
Storage Temperature Range
Forward Voltage
@IF=1.0A
Peak Reverse Current
@TA=25℃
1.0
35
-55 to +150
1.1
5.0
IR
100
15
50
Type Number
uA
-55 to +150
1of2
@T =75
1000
℃/W
RθJA
Plastic material-UL flammability 94V-0
·
A
J
J
MIN.
MAX
MIN.
DIA.
DIA.
DO-41
1N
1N
1N
1N
1N
1N
1N
1.0 AMP. Glass Passivated Rectifiers
version:01
www.dyelec.com


Número de pieza similar - 1N4001GU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G Datasheet
667Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4001G LRC-1N4001G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

Descripción similar - 1N4001GU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001GT DYELEC-1N4001GT Datasheet
834Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001G DYELEC-1N4001G Datasheet
779Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N4007G TSC-1N4007G Datasheet
235Kb / 2P
   1.0 AMP Glass Passivated Rectifiers
1N4001SG TSC-1N4001SG_1 Datasheet
227Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1T1G TSC-1T1G_10 Datasheet
477Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
UNIOHM CORPORATION
1N4001G UNIOHM-1N4001G Datasheet
66Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com