Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29F200BT-70 Datasheet(PDF) 1 Page - Advanced Micro Devices |
|
AM29F200BT-70 Datasheet(HTML) 1 Page - Advanced Micro Devices |
1 / 39 page This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications. Publication# 21526 Rev: B Amendment/+2 Issue Date: July 2, 1999 Am29F200B 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory DISTINCTIVE CHARACTERISTICS s 5.0 V ± 10% for read and write operations — Minimizes system level power requirements s Manufactured on 0.32 µm process technology — Compatible with 0.5 µm Am29F200A device s High performance — Access times as fast as 45 ns s Low power consumption — 20 mA typical active read current (byte mode) — 28 mA typical active read current for (word mode) — 30 mA typical program/erase current —1 µA typical standby current s Sector erase architecture — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and three 64 Kbyte sectors (byte mode) — One 8 Kword, two 4 Kword, one 16 Kword, and three 32 Kword sectors (word mode) — Supports full chip erase — Sector Protection features: A hardware method of locking a sector to prevent any program or erase operations within that sector Sectors can be locked via programming equipment Temporary Sector Unprotect feature allows code changes in previously locked sectors s Top or bottom boot block configurations available s Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies data at specified addresses s Minimum 1,000,000 write/erase cycles guaranteed s 20-year data retention at 125 °C — Reliable operation for the life of the system s Package options — 44-pin SO — 48-pin TSOP — Known Good Die (KGD) (see publication number 21257) s Compatible with JEDEC standards — Pinout and software compatible with single-power-supply flash — Superior inadvertent write protection s Data# Polling and Toggle Bit — Detects program or erase cycle completion s Ready/Busy# output (RY/BY#) — Hardware method for detection of program or erase cycle completion s Erase Suspend/Erase Resume — Supports reading data from a sector not being erased s Hardware RESET# pin — Resets internal state machine to the reading array data |
Número de pieza similar - AM29F200BT-70 |
|
Descripción similar - AM29F200BT-70 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |