Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL7472L1PBF Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza IRL7472L1PBF
Descripción Electrónicos  DirectFET짰 N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL7472L1PBF Datasheet(HTML) 3 Page - Infineon Technologies AG

  IRL7472L1PBF Datasheet HTML 1Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 2Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 3Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 4Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 5Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 6Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 7Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 8Page - Infineon Technologies AG IRL7472L1PBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 
IRL7472L1TRPbF
 
3
2016-8-9
D
S
G
Dynamic @ TJ = 25°C (unless otherwise specified)
   
 
 
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
232
–––
–––
S
VDS = 10V, ID = 195A
Qg
Total Gate Charge
–––
220
330
nC
ID = 195A
Qgs
Gate-to-Source Charge
–––
95
–––
VDS = 20V
Qgd
Gate-to-Drain ("Miller") Charge
–––
87
–––
VGS = 4.5V 
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
133
–––
ID = 195A, VDS =0V, VGS = 4.5V
td(on)
Turn-On Delay Time
–––
68
–––
ns
VDD = 20V
tr
Rise Time
–––
176
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
174
–––
RG = 2.7
tf
Fall Time
–––
137
–––
VGS = 4.5V 
Ciss
Input Capacitance
––– 20082 –––
pF
VGS = 0V
Coss
Output Capacitance
––– 2436 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
––– 1594 –––
ƒ = 10kHz
Coss eff. (ER) Effective Output Capacitance (Energy Related)
––– 2855 –––
VGS = 0V, VDS = 0V to 32V 
Coss eff. (TR) Effective Output Capacitance (Time Related)
––– 3544 –––
VGS = 0V, VDS = 0V to 32V 
Notes:

Package limit current based on source connection technology

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 0.016mH, RG = 50, IAS = 195A, VGS =10V.
ISD ≤ 195A, di/dt ≤ 984A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.

Pulse width ≤ 400µs; duty cycle ≤ 2%.

Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.

Coss eff. (ER) is a fixed capacitance that gives the
same energy as Coss while VDS is rising from 0 to 80% VDSS.

Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1.0mH, RG = 50, IAS = 39A, VGS =10V.
Silicon limit current based on maximum allowable junction temperature TJmax.
Diode Characteristics
  
 
 
 
Symbol
Parameter
Min. Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
341
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
1500
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ= 25°C, IS =195A, VGS = 0V
dv/dt
Peak Diode Recovery 
–––
1.3
–––
V/ns
TJ =175°C, IS =195A,
VDS = 40V
trr
Reverse Recovery Time
–––
57
–––
ns
TJ = 25° C VR = 34V,
–––
58
–––
TJ = 125°C IF = 195A
Qrr
Reverse Recovery Charge
–––
103
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
114
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.1
–––
A
TJ = 25°C


Número de pieza similar - IRL7472L1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL7472L1PBF IRF-IRL7472L1PBF Datasheet
497Kb / 11P
   Brushed Motor drive applications
IRL7472L1PBF IRF-IRL7472L1PBF_15 Datasheet
497Kb / 11P
   Brushed Motor drive applications
More results

Descripción similar - IRL7472L1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7580MTRPBF IRF-IRF7580MTRPBF Datasheet
515Kb / 11P
   DirectFET짰 N-Channel Power MOSFET
logo
Infineon Technologies A...
IRF7480MPBF INFINEON-IRF7480MPBF Datasheet
503Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-5-4
logo
International Rectifier
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
   Automotive DirectFET짰Power MOSFET 
AUIRF8736M2TR IRF-AUIRF8736M2TR Datasheet
494Kb / 12P
   Automotive DirectFET짰 Power MOSFET
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
   Automotive DirectFET짰 Power MOSFET
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com