Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7480MTRPbF Datasheet(PDF) 7 Page - Infineon Technologies AG

No. de pieza IRF7480MTRPbF
Descripción Electrónicos  DirectFET짰 N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF7480MTRPbF Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IRF7480MTRPbF Datasheet HTML 3Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 4Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 5Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 6Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 7Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 8Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 9Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 10Page - Infineon Technologies AG IRF7480MTRPbF Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 
IRF7480MTRPbF
7
2016-5-4
 
Fig 17. Threshold Voltage vs. Temperature
Fig 21. Typical Stored Charge vs. dif/dt
Fig 18. Typical Recovery Current vs. dif/dt
100
200
300
400
500
600
700
diF /dt (A/µs)
2
3
4
5
6
7
8
9
IF = 88A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
2
3
4
5
6
7
8
9
IF = 132A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
80
100
120
140
160
180
200
IF = 88A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
600
700
diF /dt (A/µs)
40
80
120
160
200
IF = 132A
VR = 34V
TJ = 25°C
TJ = 125°C
Fig 20. Typical Stored Charge vs. dif/dt
Fig 19. Typical Recovery Current vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
ID = 150µA
ID = 250µA
ID = 1.0mA
ID = 1.0A


Número de pieza similar - IRF7480MTRPbF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7480MTRPBF IRF-IRF7480MTRPBF Datasheet
518Kb / 12P
   Synchronous rectifier applications
More results

Descripción similar - IRF7480MTRPbF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
IRL7472L1PBF INFINEON-IRL7472L1PBF Datasheet
534Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-8-9
logo
International Rectifier
IRF7580MTRPBF IRF-IRF7580MTRPBF Datasheet
515Kb / 11P
   DirectFET짰 N-Channel Power MOSFET
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
   Automotive DirectFET짰Power MOSFET 
AUIRF8736M2TR IRF-AUIRF8736M2TR Datasheet
494Kb / 12P
   Automotive DirectFET짰 Power MOSFET
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
   Automotive DirectFET짰 Power MOSFET
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com