Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C56VA Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT93C56VA
Descripción Electrónicos  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56VA Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT93C56VA Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56VA Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAT93C56/57
Doc. No. 1088, Rev. M
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 93C56SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWE.) For additional
information, please contact your Catalyst sales office.
Package
P = PDIP
S = SOIC (JEDEC)
J = SOIC (JEDEC)
K = SOIC (EIAJ)
U = TSSOP
RD4 = TDFN (3x3mm)
ZD4 = TDFN (3x3mm, Lead free, Halogen free)
L = PDIP (Lead free, Halogen free)
V = SOIC, JEDEC (Lead free, Halogen free)
W= SOIC, JEDEC (Lead free, Halogen free)
X = SOIC, EIAJ (Lead free, Halogen free)
Y = TSSOP (Lead free, Halogen free)
Prefix
Device #
Suffix
93C56
S
I
TE13
Product
Number
93C56: 2K
93C57: 2K
Tape & Reel
-1.8
CAT
Temperature Range
Blank = Commercial (0
°C - 70°C)
I = Industrial (-40
°C - 85°C)
A = Automotive (-40
°C - 105°C)
Operating Voltage
Blank (Vcc=2.5 to 6.0V)
1.8 (Vcc=1.8 to 6.0V)
Optional
Company ID
E = Extended (-40
°C to + 125°C)
Die Revision
93C56: E
93C57: E
Rev E
(2)


Número de pieza similar - CAT93C56VA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C56VA-1.8-GT2E CATALYST-CAT93C56VA-1.8-GT2E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C56VA-1.8-GT2E ONSEMI-CAT93C56VA-1.8-GT2E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56VA-1.8-GT3E CATALYST-CAT93C56VA-1.8-GT3E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C56VA-1.8-GT3E ONSEMI-CAT93C56VA-1.8-GT3E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56VA-1.8T2E CATALYST-CAT93C56VA-1.8T2E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Descripción similar - CAT93C56VA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com