Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMB225F Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza KMB225F
Descripción Electrónicos  Schottky Brrier Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KMB225F Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KMB225F Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KMB225F Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-55 to +150
°C
SINGLE PHASE
AMP SURFACE MOUNT
BRIDGE RECTIFIER
50A
2. Thermal REsistance From Junction to Ambient
1. Mounted on aluminum substrate PC board with 1.3mm
Features
                 
Mechanical Data
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2 solder pad.
Note:
0
·
·
·
·
·
Schottky Brrier Chip
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to
Peak
Plastic Case Material has UL Flammability
Classification
94V-
Rating
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
· Case: MB-F, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
2.0
-55 to +150
°C
28
pF
= 90°C
KMB
KMB
KMB
KMB
KMB
KMB
KMB
( Note2)
0.1
= 100°C
V
40
30
V
Typical Thermal Resistance per leg
Average Rectified Output Current ( Note1) @T
=2.0A
2.0
Typical Junction Capacitance per leg
A
Peak Repetitive Reverse Voltage
DC Blocking Voltage
A
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
A
I2t Rating for Fusing (t < 8.3ms)
2s
Forward Voltage per element
@IF
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA
mA
75
°C/W
RMS Reverse Voltage
60
80
100
21
28
42
56
70
40
30
60
80
100
0.55
0.7
0.85
10
150
105
150
200
140
200
0.92
0.05
5
0.90
TYPE NUMBER
UNITS
23F 24F
26F 28F 210F 215F 220F
Operating and Storage Temperature Range
Operating junction temperature range
SCHOTTKY
KMB22F THRU KMB225F
KMB
KMB
50
45
31
35
50
45
245F 25F
KMB
250
175
250
225F
KMB
20
14
20
22F
t
VRRM
VDC
IO
2
IRM
j
RJA
T
R(RMS)
SYMBOL
STG
T
J
IFSM
VFM
V
I
C
50
1 of 2
version:01
www.dyelec.com
10.375
dimensions in inches and (millimeters)


Número de pieza similar - KMB225F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
KMB225F ZSELEC-KMB225F Datasheet
394Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Descripción similar - KMB225F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
S12 DYELEC-S12 Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS22T DYELEC-SS22T Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS32 DYELEC-SS32 Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB12F DYELEC-KMB12F Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS12U DYELEC-SS12U Datasheet
1Mb / 2P
   Schottky Brrier Chip
S52 DYELEC-S52 Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB32M DYELEC-KMB32M Datasheet
1Mb / 2P
   Schottky Brrier Chip
S22U DYELEC-S22U Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS52T DYELEC-SS52T Datasheet
1Mb / 2P
   Schottky Brrier Chip
logo
Shanghai Sunrise Electr...
RB411 SSE-RB411 Datasheet
636Kb / 1P
   500mA Schottky Brrier Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com