Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQPF13N50C Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FQPF13N50C
Descripción Electrónicos  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF13N50C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQPF13N50C Datasheet HTML 1Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 2Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 3Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 4Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 5Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 6Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 7Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 8Page - Fairchild Semiconductor FQPF13N50C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, April 2003
QFETTM
FQP13N50C/FQPF13N50C
500V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
active power factor correction, electronic lamp ballasts
based on half bridge topology.
Features
• 13A, 500V, RDS(on) = 0.48Ω @VGS = 10 V
• Low gate charge ( typical 43 nC)
• Low Crss ( typical 20pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
FQP13N50C
FQPF13N50C
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
13
13 *
A
- Continuous (TC = 100°C)
88 *
A
IDM
Drain Current
- Pulsed
(Note 1)
52
52 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
860
mJ
IAR
Avalanche Current
(Note 1)
13
A
EAR
Repetitive Avalanche Energy
(Note 1)
19.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
195
48
W
- Derate above 25°C
1.56
0.39
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP13N50C
FQPF13N50C
Units
RθJC
Thermal Resistance, Junction-to-Case
0.64
2.58
°C/W
RθJS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Número de pieza similar - FQPF13N50C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
927Kb / 10P
   500V N-Channel MOSFET
FQPF13N50C FAIRCHILD-FQPF13N50C Datasheet
1Mb / 10P
   500V N-Channel MOSFET
More results

Descripción similar - FQPF13N50C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com