Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1557 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL1557
Descripción Electrónicos  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1557 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL1557 Datasheet HTML 1Page - Intersil Corporation ISL1557 Datasheet HTML 2Page - Intersil Corporation ISL1557 Datasheet HTML 3Page - Intersil Corporation ISL1557 Datasheet HTML 4Page - Intersil Corporation ISL1557 Datasheet HTML 5Page - Intersil Corporation ISL1557 Datasheet HTML 6Page - Intersil Corporation ISL1557 Datasheet HTML 7Page - Intersil Corporation ISL1557 Datasheet HTML 8Page - Intersil Corporation ISL1557 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL1550
5
FN6795.0
March 16, 2012
Typical Performance Curves V
CC = ±6V, See Figure 1, TA = +25°C, C0 = C1 = 0V (Full power), Unless otherwise
noted.
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE vs RLOAD
FIGURE 5. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
FIGURE 6. SMALL SIGNAL BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 7. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 8. HARMONIC DISTORTION vs FREQUENCY
FIGURE 9. 4MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
FREQUENCY (Hz)
50
Ω
25
Ω
16
Ω
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
33pF
22pF
18pF
FREQUENCY (Hz)
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
VCC = 12V TO 8V
FREQUENCY (Hz)
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
5VP-P
2VP-P
1VP-P
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
1M
10M
100M
FREQUENCY (Hz)
5VOP-P-DIFF
100
Ω RLOAD
THD
3rd HD
2nd HD
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
110
VOP-P-LOAD (V)
100
Ω RLOAD
THD
3rd HD
2nd HD


Número de pieza similar - ISL1557

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
More results

Descripción similar - ISL1557

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com