Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL58781 Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL58781
Descripción Electrónicos  Laser Diode Driver with Serial Control and Write Current DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58781 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL58781 Datasheet HTML 4Page - Intersil Corporation ISL58781 Datasheet HTML 5Page - Intersil Corporation ISL58781 Datasheet HTML 6Page - Intersil Corporation ISL58781 Datasheet HTML 7Page - Intersil Corporation ISL58781 Datasheet HTML 8Page - Intersil Corporation ISL58781 Datasheet HTML 9Page - Intersil Corporation ISL58781 Datasheet HTML 10Page - Intersil Corporation ISL58781 Datasheet HTML 11Page - Intersil Corporation ISL58781 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6909.3
December 3, 2015
Submit Document Feedback
SS-WIDTH-RANGE
Spread Spectrum Spreading Width
Adjustment Range
RFREQ = 4.7kReg 1-18 = 10h,
Reg 0-16 = 26h; Reg X-00 bit 6 = 0
0.1
0.525
1.1
%
SS_Shift
Shift of Center Frequency when SS is
Enabled vs when it’s Disabled
RFREQ = 4.7kReg 1-18-00h to
30h, Reg 0-16 = 26h; Reg X-00 bit
6 = 0
0.7
%
SS_Mod
Spread Spectrum Modulation
Frequency
REG 1-18h Bit 7 = 0; Reg X-00 bit
6 = 0
30
53
80
kHz
SS_Mod
Spread Spectrum Modulation
Frequency
REG 1-18h Bit 7 = 1; Reg X-00 bit
6 = 0
15
34
55
kHz
HFM (High Frequency Modulator)
Standard conditions unless otherwise noted. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Serial Interface AC Performance
Standard conditions unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN TYP MAX UNIT
FSER
SCLK Operating Range
Static logic not limited at low frequency
50
MHz
tEH
SEN “H” Time
@ 50MHz
320
ns
tEL
SEN “L” Time
@ 50MHz
160
ns
tERSR
SEN Rising Edge to the First SCLK Rising Edge @ 50MHz
10
ns
tCDS
SDIO Set Up Time
@ 50MHz
10
ns
tCDH
SDIO Hold Time
@ 50MHz
10
ns
tSREF
Last SCLK Rising Edge to SEN Falling Edge
@ 50MHz
10
ns
tCC
SCLK Cycle Time1
@ 50MHz
20
ns
Duty
SCLK “H” Duty Cycle
@ 50MHz
40
50
60
%
tCDD
SDIO Output Delay
@ 50MHz
4
ns
tEDH
SDIO Output Hold Time
@ 50MHz
2
ns
LVDS Specifications
Standard conditions unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN TYP MAX UNIT
VIN-HIGH
Maximum Single Line Voltage
2.4
V
VIN-LOW
Minimum Single Line Voltage
0V
CIN
Input Capacitance
2pF
RIN
Input Resistance
85
100
115
VMIN
Minimum Differential Voltage
Signal tested with ±240mV differential input
240
mVPK
ISL58781


Número de pieza similar - ISL58781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58781CRZ-T13 RENESAS-ISL58781CRZ-T13 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results

Descripción similar - ISL58781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL58792 INTERSIL-ISL58792 Datasheet
458Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com