Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL33354EIAZ-T Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL33354EIAZ-T
Descripción Electrónicos  Full fail-safe (open/short) RS-485/422 port 2 Rx
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33354EIAZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL33354EIAZ-T Datasheet HTML 1Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 2Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 3Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 4Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 5Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 6Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 7Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 8Page - Intersil Corporation ISL33354EIAZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL33354E, ISL33357E
3
FN8775.1
October 21, 2016
Submit Document Feedback
Pin Descriptions
PIN NAME
PIN #
for
SSOP
PIN # for
QFN
PORT/MODE
FUNCTION
NC
-
12, 20, 32,
33, 39, 40
BOTH
No Internal Connection.
DNC
-
21
BOTH
Do not make any external connections to this pin.
SHDN
21
25
BOTH
A low on SHDN disables the charge pumps, disables all the outputs and places the device in low power
shutdown. Internally pulled-high. SHDN = 1 for normal operation.
VCC
26
31, 34
BOTH
System power supply input (4.5V to 5.5V). Both pins 31 and 34 must connect to the VCC supply.
GND
15
15, 16
BOTH
Ground connection. QFN pins 15 and 16 must both connect to GND. This is also the potential of the
QFN’s exposed metal pad (EP).
*VCC
9
7, 14, 26
BOTH
For proper operation, connect this lead to the VCC supply. This is not a power supply lead, so no decoupling
is required.
*GND
8
6, 17
BOTH
For proper operation, connect this lead to GND. This is not a power supply lead.
RxIN
4, 5
2, 3
1 / RS-232 RS-232 receiver input with ±15kV ESD protection. A low on RxIN forces RxOUT high; a high on RxIN
forces RxOUT low.
RxOUT
24, 25
29, 30
1 / RS-232 RS-232 receiver output.
TxIN
22, 23
27, 28
1 / RS-232 RS-232 transmitter input. A low on TxIN drives the corresponding TxOUT high, while a high on TxIN drives
the corresponding TxOUT low.
TxOUT
6, 7
4, 5
1 / RS-232 RS-232 transmitter output with ±15kV ESD protection.
C1+
1
37
1 / RS-232 External charge pump capacitor is connected to this lead.
C1-
2
38
1 / RS-232 External charge pump capacitor is connected to this lead.
C2+
28
36
1 / RS-232 External charge pump capacitor is connected to this lead.
C2-
27
35
1 / RS-232 External charge pump capacitor is connected to this lead.
V+
3
1
1 / RS-232 Internally generated positive RS-232 transmitter supply (+6V).
V-
17
19
1 / RS-232 Internally generated negative RS-232 transmitter supply (-7V).
A
12
10
2 / RS-485 RS-485 noninverting receiver input with ±15kV ESD protection.
B
13
11
2 / RS-485 RS-485 inverting receiver input with ±15kV ESD protection.
Y
10
8
2/ RS-485
RS-485 noninverting driver output with ±15kV ESD protection.
Z
11
9
2/ RS-485
RS-485 inverting driver output with ±15kV ESD protection.
DI
20
24
2 / RS-485 RS-485 driver input. A low on DI forces output Y low and output Z high.
RO
18
22
2 / RS-485 RS-485 receiver output: If A > B by at least -40mV, RO is high; If A < B by -200mV or more, RO is low;
RO = High if A and B are unconnected (floating) or shorted together (i.e., full fail-safe).
SLOW48
5
14
13
2 / RS-485 RS-485 data rate control. A low on SLOW485 selects the 115kbps RS-485 data rate (slew rate limited
output transitions); a high selects the 20Mbps data rate (full speed transitions). Internally pulled-high.
RE485
16
18
2/ RS-485
RS-485 active low receiver output enable. RO is enabled when RE485 is low; RO is high impedance
when RE485 is high. Internally pulled low.
DE485
19
23
2/ RS-485
RS-485 driver output enable (DE). The driver outputs, Y and Z, are enabled by driving DE485 high. They
are high impedance when DE485 is low. Internally pulled high.
EP
-
EP
BOTH
QFN exposed thermal pad (EPAD). Connect to GND.


Número de pieza similar - ISL33354EIAZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL33354EIAZ-T RENESAS-ISL33354EIAZ-T Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Descripción similar - ISL33354EIAZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com