Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL33337EIRZ-T7A Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL33337EIRZ-T7A
Descripción Electrónicos  Operates from a single 3.3V supply
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33337EIRZ-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL33337EIRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL33337EIRZ-T7A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL33334E, ISL33337E
10
FN8776.1
October 21, 2016
Submit Document Feedback
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RS-485 DRIVER ENABLE AND DISABLE TIMES
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. RS-485 RECEIVER PROPAGATION DELAY
FIGURE 6A. TEST CIRCUIT
FIGURE 6B. MEASUREMENT POINTS
FIGURE 6. RS-485 RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
D
DE485
DI
CL
500Ω
Z
Y
VCC
GND
SW
FOR SHDN TESTS, SWITCH SHDN RATHER THAN DE485
PARAMETER SHDN/DE485 OUTPUT
DI
SW
CL (pF)
tHZ
1/-
Y/Z
1/0
GND
15
tLZ
1/-
Y/Z
0/1
VCC
15
tZH
1/-
Y/Z
1/0
GND
100
tZL
1/-
Y/Z
0/1
VCC
100
tZH(SHDN)
-/1
Y/Z
1/0
GND
100
tZL(SHDN)
-/1
Y/Z
0/1
VCC
100
SIGNAL
GENERATOR
OUT (Y, Z)
3V
0V
50%
50%
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DE485
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZH(SHDN)
tZL(SHDN)
(SHDN FOR SHDN)
ENABLED
SIGNAL
GENERATOR
R
RO
RE485
A
B
0V
15pF
RO
+1.5V
-1.5V
tPLH
0V
0V
VCC
0V
1.5V
1.5V
tPHL
A
1kΩ
VCC
GND
SW
FOR SHDN TESTS, SWITCH SHDN RATHER THAN RE485
PARAMETER
SHDN/RE485
ASW
tHZ
1/-
+1.5V
GND
tLZ
1/-
-1.5V
VCC
tZH
1/-
+1.5V
GND
tZL
1/-
-1.5V
VCC
tZH(SHDN)
-/0
+1.5V
GND
tZL(SHDN)
-/0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
A
B
15pF
RE485
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE485
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZL(SHDN)
tZH(SHDN)
3V
0V
1.5V
SHDN
(FOR SHDN TESTS)
ENABLED


Número de pieza similar - ISL33337EIRZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL33337EIRZ-T7A RENESAS-ISL33337EIRZ-T7A Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Descripción similar - ISL33337EIRZ-T7A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
   Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
   Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
   Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
   OPERATES WITH A SINGLE 3.3V SUPPLY
September 2003
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
[Old version datasheet]   Operates From a Single 5-V Supply
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com