Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-3700S Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza HCPL-3700S
Descripción Electrónicos  AC/DC TO LOGIC INTERFACE OPTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-3700S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HCPL-3700S Datasheet HTML 1Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 2Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 3Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 4Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 5Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 6Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 7Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 8Page - Fairchild Semiconductor HCPL-3700S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AC/DC TO LOGIC INTERFACE
OPTOCOUPLER
HCPL-3700
11/8/04
Page 2 of 11
© 2003 Fairchild Semiconductor Corporation
ELECTRICAL CHARACTERISTICS (TA = 0°C to 70°C Unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Input Threshold Current
(VIN = VTH+, VCC = 4.5 V)
ITH+
1.96
2.4
3.11
mA
(VO = 0.4 V, IO ≥ 4.2 mA) (Note 5)
ITH-
1.00
1.2
1.62
mA
Input
Threshold
Voltage
DC
(Pins 2,3)
(VIN = V2 - V3, Pins 1 & 4 Open)
(VCC = 4.5 V, VO = 0.4 V)
(Note 5) (IO ≥ 4.2 mA)
VTH+
3.35
3.8
4.05
V
(VIN = V2 - V3, Pins 1 & 4 Open)
(VCC = 4.5 V, VO = 2.4 V)
(Note 5) (IO ≥ 100 µA)
VTH-
2.01
2.5
2.86
V
AC
(Pins 1,4)
|VIN = V1 - V4|
(Pins 2 & 3 Open)
(VCC = 4.5 V, VO = 0.4 V)
(Note 5) (IO ≥ 4.2 mA)
VTH+
4.23
5.0
5.50
V
|VIN = |V1 - V4|
(Pins 2 & 3 Open)
(VCC = 4.5 V, VO = 2.4 V)
(Note 5) (IO ≤ 100 µA)
VTH-
2.87
3.7
4.20
V
Hysteresis
(IHYS = ITH+ - ITH-)IHYS
1.2
mA
(VHYS = VTH+ - VTH-)VHYS
1.3
V
Input Clamp Voltage
(VIHC1 = V2 - V3, V3 = GND)
(IIN = 10 mA, Pins 1 & 4
Connected to Pin 3)
VIHC1
5.4
6.3
6.6
V
(VIHC2 = |V1 - V4|)
(|IIN| = 10 mA)
(Pins 2 & 3 Open)
VIHC2
6.1
7.0
7.3
V
(VIHC3 = V2 - V3, V3 = GND)
(IIN = 15 mA; Pins 1 & 4 Open)
VIHC3
12.5
13.4
V
(VILC = V2 - V3, V3 = GND)
(IIN = -10 mA)
VILC
-0.75
V
Input Current
(VIN = V2 - V3 = 5.0 V)
(Pins 1 & 4 Open)
IIN
3.0
3.7
4.4
mA
Bridge Diode
Forward Voltage
(IIN = 3 mA)
VD1,2
0.65
V
(IIN = 3 mA)
VD3,4
0.65
V
Logic Low Output Voltage
(VCC = 4.5 V; IOL = 4.2 mA)
(Note 5)
VOL
0.04
0.4
V
Logic High Output Current
(Note 5) (VOH = VCC = 18 V)
IOH
100
µA
Logic Low Supply Current
(V2 - V3 = 5.0 V; VO = Open)
(VCC = 5 V)
ICCL
1.0
4
mA
Logic High Supply Current
(VCC = 18 V; VO = Open)
ICCH
0.01
4
µA
Input Capacitance
(f = 1 MHz; VIN = 0V)
(Pins 2 & 3, Pins 1 & 4 Open)
CIN
50
pF


Número de pieza similar - HCPL-3700S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Fairchild Semiconductor
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Descripción similar - HCPL-3700S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-2503-000E AVAGO-HCPL-2503-000E Datasheet
316Kb / 12P
   Single Channel, High Speed Logic Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com