Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14572UBDR2G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC14572UBDR2G
Descripción Electrónicos  Hex Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14572UBDR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC14572UBDR2G Datasheet HTML 1Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 2Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 3Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 4Page - ON Semiconductor MC14572UBDR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC14572UB
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0 or VDD
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.0
2.0
2.5
2.25
4.50
6.75
1.0
2.0
2.5
1.0
2.0
2.5
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
4.0
8.0
12.5
4.0
8.0
12.5
2.75
5.50
8.25
4.0
8.0
12.5
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
–1.2
–0.25
–0.62
–1.8
–1.0
–0.2
–0.5
–1.5
–1.7
–0.36
–0.9
–3.5
–0.7
–0.14
–0.35
–1.1
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance (Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current (Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
mAdc
Total Supply Current (Notes 3, 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.89 mA/kHz) f + IDD
IT = (3.80 mA/kHz) f + IDD
IT = (5.68 mA/kHz) f + IDD
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in mA (per package), CL in pF,
V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.006.


Número de pieza similar - MC14572UBDR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14572UBDR2G ONSEMI-MC14572UBDR2G Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UBDR2G ONSEMI-MC14572UBDR2G Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
More results

Descripción similar - MC14572UBDR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD14572UB HITACHI-HD14572UB Datasheet
65Kb / 6P
   Hex Gate
logo
STMicroelectronics
HCC4572B STMICROELECTRONICS-HCC4572B Datasheet
201Kb / 6P
   HEX GATE
logo
ON Semiconductor
MC14572UB ONSEMI-MC14572UB_06 Datasheet
94Kb / 6P
   Hex Gate
June, 2006 ??Rev. 6
MC14572UB ONSEMI-MC14572UB Datasheet
138Kb / 8P
   Hex Gate
March, 2000 ??Rev. 3
MC14572UB ONSEMI-MC14572UB_11 Datasheet
115Kb / 6P
   Hex Gate
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4572UB TI-CD4572UB Datasheet
277Kb / 6P
[Old version datasheet]   CMOS HEX GATE
logo
ON Semiconductor
MC10197 ONSEMI-MC10197 Datasheet
99Kb / 4P
   Hex AND Gate
1996 REV 5
logo
Texas Instruments
SN74AUC34 TI1-SN74AUC34 Datasheet
610Kb / 11P
[Old version datasheet]   HEX BUFFER GATE
CD4572UBE TI-CD4572UBE Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Hex Gate
logo
National Semiconductor ...
DM54L04 NSC-DM54L04 Datasheet
82Kb / 4P
   Hex Inverting Gate
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com