Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TP11SH9V3RE22 Datasheet(PDF) 6 Page - C&K Components |
|
TP11SH9V3RE22 Datasheet(HTML) 6 Page - C&K Components |
6 / 6 page A-20 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com A TP Series Tiny Pushbutton Switches AVAILABLE HARDWARE .495 ± .505 (12,57 ± 12,83) .595 ± .605 (15,11 ± 15,37) .005 R. (0,13) MAX. TYP. .495 ± .505 (12,57 ± 12,83) .620 ± .625 (15,75 ± 15,88) .005 R. (0,13) MAX. TYP. PANEL MOUNTING For part numbers 432502263, 432602263 For part numbers 432702263, 432802263 .250 .120 .310 R.015 .090 .065 ±.005 R.012 MAX. DRAFT 1.000° ( .301 ) 6X 45 ° X .010 CHAMFER OR .010 R. LEAD IN TUNNEL GATE AS CLOSE AS POSSIBLE TO THIS SURFACE. CAVITY ID P TYPICAL APPLICATION Cap, .100" DIA. Plungers Panel Inserts PART NO. 508101000 WHITE 508102000 BLACK Material: Nylon Finish: Gloss Cap, .120" DIA. Plungers PART NO. 708901000 WHITE 708902000 BLACK Material: Nylon Finish: Gloss Cap, .120" DIA. Plungers PART NO. 891D01000 WHITE 891D02000 BLACK Material: Nylon Finish: Gloss .047" (1,19) PANEL THK. PART NO. 432502263 .062" (1,57) PANEL THK. PART NO. 432602263 .090" (2,29) PANEL THK. PART NO. 432702263 .125" (3,18) PANEL THK. PART NO. 432802263 BLACK PANEL INSERT WITH HOLE FOR LED PART NO. 894902000 BLANK PANEL INSERT WITHOUT HOLE FOR LED PART NO. 476602000 BLACK Cap, J81 option only PART NO. 484601000 WHITE 484602000 BLACK Material: Nylon Finish: Gloss PART NO. 798201000 WHITE 798202263 BLACK Material: Nylon Finish: Matte Cap, .100" DIA. Plungers (Recommended for S9 plunger) PART NO. 538701000 WHITE 538702000 BLACK Material: Nylon Finish: Gloss Cap, .100" DIA. Plungers PART NO. 465801000 WHITE 465802000 BLACK Material: Nylon Finish: Gloss NOTE: Additional nuts, locking rings and lockwashers available separately, see section “Technical Data and Additional Hardware”. Other cap colors available, consult Customer Service Center. Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte. Above frames (part nos. 432XXXXXX) are also available with insert which accepts LED for indicator light assembly. Order insert separately from frame. Blank insert panel (without hole for LED) also available. LED not included. Third Angle Projection |
Número de pieza similar - TP11SH9V3RE22 |
|
Descripción similar - TP11SH9V3RE22 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |