Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33121 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC33121
Descripción Electrónicos  LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33121 Datasheet(HTML) 1 Page - Motorola, Inc

  MC33121 Datasheet HTML 1Page - Motorola, Inc MC33121 Datasheet HTML 2Page - Motorola, Inc MC33121 Datasheet HTML 3Page - Motorola, Inc MC33121 Datasheet HTML 4Page - Motorola, Inc MC33121 Datasheet HTML 5Page - Motorola, Inc MC33121 Datasheet HTML 6Page - Motorola, Inc MC33121 Datasheet HTML 7Page - Motorola, Inc MC33121 Datasheet HTML 8Page - Motorola, Inc MC33121 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MC33121
MOTOROLA
1
Low Voltage Subscriber
Loop Interface Circuit (SLIC)
Thin Film Silicon Monolithic Integrated Circuit
The MC33121 is designed to provide the interface between the 4–wire side of
a central office, or PBX, and the 2–wire subscriber line. Interface functions
include battery feed, proper loop termination AC impedance, hookswitch
detection, adjustable transmit, receive, and transhybrid gains, and single/
double fault indication. Additionally, the MC33121 provides a minimum of 58 dB
of longitudinal balance (4–wire and 2–wire).
The transmit and receive signals are referenced to analog ground, while
digital signals are referenced to digital ground, easing the interface to codecs,
filters, etc. The 2 status outputs (hookswitch and faults) and the Power Down
Input are TTL/CMOS compatible. The Power Down Input permits local
shutdown of the circuit.
Internal drivers allow the external loop current pass transistors to be standard
bipolar transistors (non–Darlington).
The MC33121 is available in a 20 pin DIP and a 28 pin PLCC surface mount
package.
• 58 dB Longitudinal Balance Guaranteed; 4–wire and 2–wire
• Transmit, Receive, and Transhybrid Gains Externally Adjustable
• Return Loss Externally Adjustable
• Proper Hookswitch Detection With 30 kΩ Leakage
• Single/Double Fault Indication With Shutdown for Thermal Protection
• Critical Sense Resistors Included Internally
• Standard Power Supplies: – 21.6 V to – 42 V, and + 5.0 V, ± 10%
• On–Hook Transmission
• Power Down Input (TTL and CMOS Compatible)
• Operating Ambient Temperature: – 40°C to + 85°C
• Available in a 20 Pin DIP and 28 Pin PLCC Package
SIMPLIFIED BLOCK DIAGRAM
+
+
+
+
VCC
EP
BP
CP
TSI
RSI
CN
BN
EN
VEE
(BATTERY)
TIP
RING
VEE
VCC
*
*
*
*
CURRENT
MIRROR
HOOK STATUS AND
FAULT DETECTION
AND BIAS CONTROL
BIAS
MC33121
VDD (+5.0 V)
VDG
(DIG. GND)
PDI/ST2
ST1
VAG
(ANA. GND)
RXI
TXO
RFO
CF
VQB
* Indicates trimmed resistor
CURRENT
MIRROR
CURRENT
MIRROR
CURRENT
MIRROR
CURRENT
MIRROR
CURRENT
MIRROR
Order this document
by MC33121/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
ORDERING INFORMATION
MC33121
P SUFFIX
PLASTIC PACKAGE
CASE 738
FN SUFFIX
PLCC
CASE 776
MC33121P
MC33121FN
Plastic DIP
PLCC
– 40
° to + 85°C
Device
Temperature
Range
Package
20
1
28
1
© Motorola, Inc. 1996
REV 1.0
4/96


Número de pieza similar - MC33121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC33120/21 NXP-MC33120/21 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
MC33128D MOTOROLA-MC33128D Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
MC33129 MOTOROLA-MC33129 Datasheet
444Kb / 16P
   High Performance Current Mode Controllers
MC33129D MOTOROLA-MC33129D Datasheet
444Kb / 16P
   High Performance Current Mode Controllers
More results

Descripción similar - MC33121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC3419-1 MOTOROLA-MC3419-1 Datasheet
1Mb / 16P
   SUBSCRIBER LOOP INTERFACE CIRCUIT(SLIC) BIPOLASER-TRIMMED INTEGRATED CIRCUIT
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Zarlink Semiconductor I...
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com