Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMBJ5349A Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

No. de Pieza. SMBJ5349A
Descripción  5W Surface Mount Silicon Zener Diodes
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo 

SMBJ5349A Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJ5333A --- SMBJ5388A
Electrical Characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified).
Part Number
Zener voltage
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max.DC
current
VZ /V
IZT
ZZT
IZK
ZZK
IR(Max.)
VR
IZM
Vz(MIN) Vz(MAX)
m A
m A
µAdc
V
m A
SMBJ5333A 3.135
3.465
380
3.0
1
400
300
1.0
1440
SMBJ5334A 3.420
3.780
350
2.5
1
500
150
1.0
1320
SMBJ5335A 3.705
4.095
320
2.0
1
500
50
1.0
1220
SMBJ5336A 4.085
4.515
290
2.0
1
500
10
1.0
1100
SMBJ5337A 4.465
4.935
260
2.0
1
450
50
1.0
1010
SMBJ5338A 4.845
5.355
240
1.5
1
400
1
1.0
930
SMBJ5339A 5.320
5.880
220
1.0
1
400
1
2.0
856
SMBJ5340A
5.7
6.3
200
1.0
1
300
1
3.0
790
SMBJ5341A 5.890
6.510
200
1.0
1
200
1
4.0
765
SMBJ5342A 6.460
7.140
175
1.0
1
200
150
4.9
700
SMBJ5343A 7.125
7.875
175
1.5
1
200
150
5.4
630
SMBJ5344A 7.790
8.610
150
1.5
1
200
150
5.9
580
SMBJ5345A 8.265
9.135
150
2.0
1
200
150
6.3
545
SMBJ5346A 8.645
9.555
150
2.0
1
150
150
6.6
520
SMBJ5347A 9.500
10.500
125
2.0
1
125
150
7.2
475
SMBJ5348A 10.450
11.550
125
2.5
1
125
150
8.0
430
SMBJ5349A 11.400
12.600
100
2.5
1
125
2.0
8.6
395
SMBJ5350A 12.350
13.650
100
2.5
1
100
1.0
9.4
365
SMBJ5351A 14.250
15.750
100
2.5
1
75
1.0
10.1
340
SMBJ5352A 15.200
16.800
75
2.5
1
75
1.0
10.8
315
SMBJ5353A 17.100
18.900
75
2.5
1
75
1.0
11.5
295
SMBJ5354A 19.000
21.000
70
2.5
1
75
0.5
12.2
280
SMBJ5355A 20.900
23.100
65
2.5
1
75
0.5
13.0
265
SMBJ5356A 22.800
25.200
65
8.0
1
75
0.5
13.7
250
SMBJ5357A 25.650
28.350
65
3.0
1
75
0.5
14.4
237
SMBJ5358A 28.500
31.500
50
3.5
1
75
0.5
15.8
216
SMBJ5359A 31.350
34.650
50
3.5
1
100
0.5
17.3
198
SMBJ5360A 23.75
26.25
50
4.0
1
110
0.5
18.0
190
SMBJ5361A 34.200
37.800
50
5.0
1
120
0.5
19.4
176
SMBJ5362A 37.050
40.950
50
6.0
1
130
0.5
20.1
170
SMBJ5363A 40.850
45.150
40
8.0
1
140
0.5
21.6
158
SMBJ5364A 44.650
49.350
40
10
1
150
0.5
23.8
144
SMBJ5365A 48.450
53.550
30
11
1
160
0.5
25.9
132


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn