Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD41030FJ-G Datasheet(PDF) 11 Page - Rohm

No. de pieza BD41030FJ-G
Descripción Electrónicos  LIN Transceiver for Automotive
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD41030FJ-G Datasheet(HTML) 11 Page - Rohm

Back Button BD41030FJ-G Datasheet HTML 7Page - Rohm BD41030FJ-G Datasheet HTML 8Page - Rohm BD41030FJ-G Datasheet HTML 9Page - Rohm BD41030FJ-G Datasheet HTML 10Page - Rohm BD41030FJ-G Datasheet HTML 11Page - Rohm BD41030FJ-G Datasheet HTML 12Page - Rohm BD41030FJ-G Datasheet HTML 13Page - Rohm BD41030FJ-G Datasheet HTML 14Page - Rohm BD41030FJ-G Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
BD41030FJ-C
BD41030HFN-C
Timing Chart
LIN
RXD
50%
50%
0%
0.5xVBAT
0.5xVBAT
TPropRXDom
TPropRXRec
Figure 5. AC characteristic timing chart
THRec(max)
THDom(max)
THRec(min)
THDom(min)
VBAT
tBus_dom(max)
tBus_rec(min)
tBus_dom(min)
tBus_rec(max)
LIN
TXD
tBit
tBit
Figure 6. Bus timing chart
Sleep
Standby
Normal
t<tBus
tBus
t<tgotonorm
LIN
TXD
RXD
NSLP
INH
MODE
Figure 7. Remote wake-up (Sleep→Standby→Normal)
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
11/21
TSZ02201-0E2E0H500640-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2016.08.18 Rev.002
TSZ22111 • 14 • 001
www.rohm.com


Número de pieza similar - BD41030FJ-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
BD41033FJ-CE2 ROHM-BD41033FJ-CE2 Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
More results

Descripción similar - BD41030FJ-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com