Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU24036MWV Datasheet(PDF) 1 Page - Rohm

No. de pieza BU24036MWV
Descripción Electrónicos  u--step System Lens Driver for Digital Still Cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU24036MWV Datasheet(HTML) 1 Page - Rohm

  BU24036MWV Datasheet HTML 1Page - Rohm BU24036MWV Datasheet HTML 2Page - Rohm BU24036MWV Datasheet HTML 3Page - Rohm BU24036MWV Datasheet HTML 4Page - Rohm BU24036MWV Datasheet HTML 5Page - Rohm BU24036MWV Datasheet HTML 6Page - Rohm BU24036MWV Datasheet HTML 7Page - Rohm BU24036MWV Datasheet HTML 8Page - Rohm BU24036MWV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
.
1/21
TSZ02201-0M3M0BC16070-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
20.May.2016 Rev.003
TSZ22111・14・001
www.rohm.com
System Lens Drivers
μ
-step System Lens Driver
for Digital Still Cameras
BU24036MWV
General Description
BU24036MWV is a system Lens Driver that uses μ
-step driving to make the configuration of the
sophisticated, high precision and low noise lens driver
system possible. This IC has a built-in driver for both DC
moor and voice coil motor and a μ-step controller that
decreases CPU power. Therefore, multifunctional lens
can be applied.
Features
Built-in 6 channels Driver block
1ch-4ch: Voltage control type H-bridge
(Adaptable to STM 2systems)
5ch: Voltage / Current control type H-bridge
6ch: Current control type H-bridge
Built-in 2 channels PI driving circuit
Built-in 1 channels Waveforming circuit
Built-in FLL digital servo circuit
Built-in PLL circuit
Built-in STM control circuit : Autonomous control
(cache / updown mode), Clock IN control
Applications
Digital still cameras
Key Specifications
I/O Power Supply Voltage:
1.62V to 3.6V
Digital Power Supply Voltage:
2.7V to 3.6V
Driver Power Supply Voltage:
2.7V to 5.5V
Output Current (1ch-4ch,6ch):
±
500mA(Max)
Output Current (5ch):
±
600mA(Max)
Input Clock Frequency:
1MHz to 28MHz
FET ON Resistance (1ch,2ch):
2.0Ω(Typ)
FET ON Resistance (3ch,4ch):
1.5Ω(Typ)
FET ON Resistance (5ch,6ch):
1.0Ω(Typ)
Operating Temperature Range:
-20℃ to +85℃
Package
UQFN040V5050
5.00mm x 5.00mm x 1.00mm
Typical Application Circuit
Example1
I
MVCC12
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
MVCC34
VDDAMP
M
OUT4A
OUT4B
MGND12
MGND34
MGND56
M
2ch
Driver
3ch
Driver
4ch
Driver
1ch
Driver
OUT6A
OUT6B
RNF6
6ch
Driver
Main Host
Photo interrupter
SENSE6
OUT5A
OUT5B
RNF5
5ch
Driver
SENSE5
DVDD
DVSS
DVDDIO
Logic
UQFN040V5050
Datasheet


Número de pieza similar - BU24036MWV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24031GW-E2 ROHM-BU24031GW-E2 Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW-E2 ROHM-BU24032GW-E2 Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW Datasheet
159Kb / 4P
   Silicon monolithic integrated circuit
More results

Descripción similar - BU24036MWV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com