Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N65 Datasheet(PDF) 6 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza 2N65
Descripción Electrónicos  650V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

2N65 Datasheet(HTML) 6 Page - DIYI Electronic Technology Co., Ltd.

  2N65 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 / 9
TO-220 Mechanical Drawing
ITO-220 Mechanical Drawing
2N65
650V N-Channel Power MOSFET
May,2015-REV.00
www.sddydz.com


Número de pieza similar - 2N65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
   2 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
2N65 WXDH-2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
195Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
2N65 UMW-2N65 Datasheet
2Mb / 11P
   N-channel power MOS tube
logo
Inchange Semiconductor ...
2N65 ISC-2N65 Datasheet
136Kb / 2P
   Drain Current ID= 2A@ TC=25C
More results

Descripción similar - 2N65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com