Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N65 Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza 2N65
Descripción Electrónicos  650V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

2N65 Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  2N65 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. 2N65 Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 / 9
TEST CIRCUITS AND WAVEFORMS(Cont.)
2N65
650V N-Channel Power MOSFET
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
VDD
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
tp
Time
Unclamped Inductive Switching Waveforms
May,2015-REV.00
www.dyelec.com


Número de pieza similar - 2N65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
   2 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
2N65 WXDH-2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
195Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
2N65 UMW-2N65 Datasheet
2Mb / 11P
   N-channel power MOS tube
logo
Inchange Semiconductor ...
2N65 ISC-2N65 Datasheet
136Kb / 2P
   Drain Current ID= 2A@ TC=25C
More results

Descripción similar - 2N65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com