Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMF2N60-TU Datasheet(PDF) 7 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza DMF2N60-TU
Descripción Electrónicos  600V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMF2N60-TU Datasheet(HTML) 7 Page - DIYI Electronic Technology Co., Ltd.

  DMF2N60-TU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMF2N60-TU Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2N60
600V N-Channel Power MOSFET
7 / 9
May,2015-REV.00
www.dyelec.com
TO-262 Mechanical Drawing
TO-263 Mechanical Drawing


Número de pieza similar - DMF2N60-TU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
DMF2N65-TU DYELEC-DMF2N65-TU Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results

Descripción similar - DMF2N60-TU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com