Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DMP3N60-TU Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

No. de Pieza. DMP3N60-TU
Descripción  600V N-Channel Power MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo 

DMP3N60-TU Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 / 8
3N60
600V N-Channel Power MOSFET
May,2015-REV.00
www.dyelec.com
TYPICAL CHARACTERISTICS
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
Case Temperature, TC (°C)
75
100
0
125
50
25
1.0
1.5
2.0
2.5
3.0
Maximum Drain Current vs. Case
Temperature
0.5
150
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Notes:
1. θJC (t) = 1.18 /W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
100
10-1
10-2
Drain-Source Voltage, VDS (V)
102
101
100
103
Safe Operating Area – 600V
Notes:
1. TJ=25
2. TJ=150
3. Single Pulse
DC
10ms
1ms
100µs
Operation in This Area is Limited by RDS(on)
101
600


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn