Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N17 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD |
|
1N17 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD |
2 / 2 page LEAD TEMPERATURE, NUMBER OF CYCLES AT 60Hz INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.1 -- FORWARD DERATING CURVE FIG.2 -- PEAK FORWARD SURGE CURRENT FIG.3 -- TYPICAL INSTANTANEOUS FORWARD X -CHARACTERISTICS REVERSE VOLTAGE,VOLTS FIG.4 -- TYPICAL JUNCTION CAPACITANCE TJ=25℃ f=1.0MHz Vsig=50mVp-p 10 100 400 0.1 1 10 100 0 25 110 100 25 30 20 10 5 TJ=TJMAX 8.3ms Single Half Sine-Wave 0.5 1.0 0 25 50 75 100 125 150 Resistive or Inductive Load 0.375"(9.5mm)Lead Length 0 0.75 0.25 .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 .1 1 10 20 1N 17 1N 19 1N 18 T J=2 5 P ulse w id th= 300 s 1 % Du ty Cyc le 2 of 2 www.sunmate.tw |
Número de pieza similar - 1N17 |
|
Descripción similar - 1N17 |