Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC547A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

No. de pieza BC547A
Descripción Electrónicos  NPN SILICON AMPLIFIER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BC547A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  BC547A Datasheet HTML 1Page - SUNMATE electronic Co., LTD BC547A Datasheet HTML 2Page - SUNMATE electronic Co., LTD BC547A Datasheet HTML 3Page - SUNMATE electronic Co., LTD BC547A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5
1.0
10
20
50
0.2
100
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
2.0
5.0
200
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
0.2
1.0
10
100
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE = 10 V
TA = 25°C
-55°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
BC547/BC548
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4 0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7 1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib
3 of 4
www.sunmate.tw


Número de pieza similar - BC547A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC547A MOTOROLA-BC547A Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
BC547A MCC-BC547A Datasheet
228Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
ON Semiconductor
BC547A ONSEMI-BC547A Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Weitron Technology
BC547A WEITRON-BC547A Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
Siemens Semiconductor G...
BC547A SIEMENS-BC547A Datasheet
210Kb / 6P
   NPN Silicon Transistors
More results

Descripción similar - BC547A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Boca Semiconductor Corp...
2N930 BOCA-2N930 Datasheet
144Kb / 4P
   AMPLIFIER TRANSISTOR (NPN SILICON)
logo
ON Semiconductor
MPS6428 ONSEMI-MPS6428 Datasheet
57Kb / 4P
   Amplifier Transistor(NPN Silicon)
1996
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
   AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MPS6571 NJSEMI-MPS6571 Datasheet
68Kb / 2P
   Amplifier Transistor NPN Silicon
logo
ON Semiconductor
MPSA20 ONSEMI-MPSA20 Datasheet
106Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 3
logo
Motorola, Inc
MPS-U07 MOTOROLA-MPS-U07 Datasheet
145Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com