Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14C88-K25 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza STK14C88-K25
Descripción Electrónicos  32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-K25 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK14C88-K25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STK14C88
December 2002
10
Document Control # ML0014 rev 0.0
If the power supply drops faster than 20
µs/volt
before V
CCX reaches VSWITCH, then a 2.2 ohm resistor
should be inserted between V
CCX and the system
supply to avoid momentary excess of current
between Vccx and Vcap.
HSB OPERATION
The STK14C88 provides the HSB pin for controlling
and acknowledging the STORE operations. The HSB
pin can be used to request a hardware STORE cycle.
When the HSB pin is driven low, the STK14C88 will
conditionally initiate a STORE operation after t
DELAY;
an actual STORE cycle will only begin if a WRITE to
the SRAM took place since the last STORE or
RECALL
cycle. The HSB pin also acts as an open
drain driver that is internally driven low to indicate a
busy condition while the STORE (initiated by any
means) is in progress.
SRAM READ
and WRITE operations that are in
progress when HSB is driven low by any means are
given time to complete before the STORE operation
is initiated. After HSB goes low, the STK14C88 will
continue SRAM operations for t
DELAY. During tDELAY,
multiple SRAM READ operations may take place. If a
WRITE
is in progress when HSB is pulled low it will
be allowed a time, t
DELAY, to complete. However, any
SRAM WRITE
cycles requested after HSB goes low
will be inhibited until HSB returns high.
The HSB pin can be used to synchronize multiple
STK14C88s while using a single larger capacitor. To
operate in this mode the HSB pin should be con-
nected together to the HSB pins from the other
STK14C88s. An external pull-up resistor to + 5V is
required since HSB acts as an open drain pull down.
The V
CAP pins from the other STK14C88 parts can
be tied together and share a single capacitor. The
capacitor size must be scaled by the number of
devices connected to it. When any one of the
STK14C88s detects a power loss and asserts HSB,
the common HSB pin will cause all parts to request
a STORE cycle (a STORE will take place in those
STK14C88s that have been written since the last
nonvolatile cycle).
During any STORE operation, regardless of how it
was initiated, the STK14C88 will continue to drive
the HSB pin low, releasing it only when the STORE is
complete. Upon completion of the STORE operation
the STK14C88 will remain disabled until the HSB
pin returns high.
If HSB is not used, it should be left unconnected.
PREVENTING STORES
The STORE function can be disabled on the fly by
holding HSB high with a driver capable of sourcing
30mA at a V
OH of at least 2.2V, as it will have to
overpower the internal pull-down device that drives
HSB low for 20
µs at the onset of a STORE. When
the STK14C88 is connected for AutoStore™ opera-
tion (system V
CC connected to VCCX and a 68µF
capacitor on V
CAP) and VCC crosses VSWITCH on the
way down, the STK14C88 will attempt to pull HSB
low; if HSB doesn’t actually get below V
IL, the part
will stop trying to pull HSB low and abort the STORE
attempt.
HARDWARE PROTECT
The STK14C88 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs dur-
ing low-voltage conditions. When V
CAP < VSWITCH, all
externally initiated STORE operations and SRAM
WRITE
s will be inhibited.
AutoStore™ can be completely disabled by tying
V
CCX to ground and applying + 5V to VCAP. This is the
AutoStore™ Inhibit mode; in this mode STOREs are
only initiated by explicit request using either the soft-
ware sequence or the HSB pin.
LOW AVERAGE ACTIVE POWER
The STK14C88 draws significantly less current
when it is cycled at times longer than 50ns. Figure 5
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 5.5V, 100% duty cycle on chip
enable). Figure 6 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK14C88 depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READs to WRITEs; 5) the operating
temperature; 6) the Vcc level; and 7) I/O loading.


Número de pieza similar - STK14C88-K25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results

Descripción similar - STK14C88-K25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com