Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2N6345 Datasheet(PDF) 2 Page - Motorola, Inc |
|
2N6345 Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 6 page 2N6342 thru 2N6349 2 Motorola Thyristor Device Data THERMAL CHARACTERISTICS Characteristic Symbol Max Unit *Thermal Resistance, Junction to Case R θJC 2.2 °C/W ELECTRICAL CHARACTERISTICS (TC = 25°C, and Either Polarity of MT2 to MT1 Voltage, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit *Peak Blocking Current (VD = Rated VDRM, gate open) TJ = 25°C TJ = 100°C IDRM — — — — 10 2 µA mA *Peak On-State Voltage (ITM = 11 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle p 2%) VTM — 1.3 1.55 Volts Gate Trigger Current (Continuous dc) (VD = 12 Vdc, RL = 100 Ohms) (Minimum Gate Pulse Width = 2 µs) MT2(+), G(+) All Types MT2(+), G(–) 2N6346 thru 49 MT2(–), G(–) All Types MT2(–), G(+) 2N6346 thru 49 *MT2(+), G(+); MT2(–), G(–) TC = –40°C All Types *MT2(+), G(–); MT2(–), G(+) TC = –40°C 2N6346 thru 49 IGT — — — — — — 12 12 20 35 — — 50 75 50 75 100 125 mA Gate Trigger Voltage (Continuous dc) (VD = 12 Vdc, RL = 100 Ohms) (Minimum Gate Pulse Width = 2 µs) MT2(+), G(+) All Types MT2(+), G(–) 2N6346 thru 49 MT2(–), G(–) All Types MT2(–), G(+) 2N6346 thru 49 *MT2(+), G(+); MT2(–), G(–) TC = –40°C All Types *MT2(+), G(–); MT2(–), G(+) TC = –40°C 2N6346 thru 49 (VD = Rated VDRM, RL = 10 k Ohms, TJ = 100°C) *MT2(+), G(+); MT2(–), G(–) All Types *MT2(+), G(–); MT2(–), G(–) 2N6346 thru 49 VGT — — — — — — 0.2 0.2 0.9 0.9 1.1 1.4 — — — — 2 2.5 2 2.5 2.5 3 — — Volts *Holding Current (VD = 12 Vdc, Gate Open) TC = 25°C (IT = 200 mA) *TC = –40°C IH — — 6 — 40 75 mA *Turn-On Time (VD = Rated VDRM, ITM = 11 A, IGT = 120 mA, Rise Time = 0.1 µs, Pulse Width = 2 µs) tgt — 1.5 2 µs Critical Rate of Rise of Commutation Voltage (VD = Rated VDRM, ITM = 11 A, Commutating di/dt = 4.0 A/ms, Gate Unenergized, TC = 80°C) dv/dt(c) — 5 — V/ µs *Indicates JEDEC Registered Data. 2.0 4.0 6.0 8.0 10 3.0 7.0 6.0 5.0 4.0 1.0 2.0 0 0 IT(RMS), RMS ON-STATE CURRENT (AMP) α α dc 30 ° 60 ° 90 ° 120 ° α = 180° TJ [ 100°C 8.0 α = CONDUCTION ANGLE FIGURE 1 – RMS CURRENT DERATING FIGURE 2 – ON-STATE POWER DISSIPATION 1.0 2.0 3.0 4.0 5.0 6.0 7.0 96 92 88 84 80 α = CONDUCTION ANGLE α α IT(RMS), RMS ON-STATE CURRENT (AMP) 100 8.0 0 dc α = 30° 60 ° 90 ° 120 ° 180 ° |
Número de pieza similar - 2N6345 |
|
Descripción similar - 2N6345 |