Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSST-21161NKCA100 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADSST-21161NKCA100
Descripción Electrónicos  SHARC짰 Melody UltraAudio Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSST-21161NKCA100 Datasheet(HTML) 5 Page - Analog Devices

  ADSST-21161NKCA100 Datasheet HTML 1Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 2Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 3Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 4Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 5Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 6Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 7Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 8Page - Analog Devices ADSST-21161NKCA100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADSST-SHARC-Melody-Ultra
The block diagram of the SHARC Melody Ultra (see
)
illustrates the following architectural features:
Figure 1
• Computation units (ALU, multiplier, and shifter) with a
shared data register file
• Data address generators (DAG1, DAG2)
• Program sequencer with instruction cache
• Timers with event capture modes
• On-chip, dual-ported SRAM
• External port for interfacing to off-chip memory and pe-
ripherals
• Host port and SDRAM interface
• DMA controller
• Enhanced serial ports
• JTAG test access port
We will use F
as our reference. The SHARC Melody Ultra
communicates with the host microcontroller using SPI. The
SHARC Melody Ultra has an on-chip memory buffer that is
used for storing commands/parameters sent by the host to the
SHARC Melody Ultra and status information from the SHARC
Melody Ultra. There is a defined protocol for passing com-
mands and obtaining status information. Once the SHARC
Melody Ultra receives a command from the host micro, it will
process the command and inform the host micro about the
status. These commands initiate actions such as encoding and
decoding. Encoding and decoding will result in data processing
and the processed data may be delivered over the serial port.
For example, while encoding, the MP3 data is accepted through
the serial port from peripherals like an ADC or S/PDIF receiver.
The MP3 data is then encoded and stored in an on-chip com-
pressed data buffer. The SHARC Melody Ultra will prepare the
compressed frames in IEC 958 format so that they can be sent
out using the serial port or S/PDIF transmitter. Using the serial
port, compressed frames can be downloaded to the SHARC
Melody Ultra where they can be decoded, and the resulting
MP3 data can be sent on the serial port transmitter. While
commands and data are transferred between the host microcon-
troller and the SHARC Melody Ultra over the SPI, reliable
communication needs the help of interrupts and a few general-
purpose input/output lines.
igure 2
SOFTWARE ARCHITECTURE
The audio processors from Analog Devices enable designers to
make value additions to product features working off the high-
end base functionality. The SHARC Melody Ultra software has
the following parts:
• Executive kernel
• Algorithm as library module
The executive kernel has the following functions:
• Power-up hardware initialization
• Serial port management
• Automatic stream detect
• Automatic code load
• Command processing
• Interrupt handling
• Data buffer management
• Calling library module
• Status report
The executive kernel is executed as soon as booting takes place.
The hardware resources are initialized in the beginning. The
command buffer and general-purpose programmable flag pins
are initialized. Various data buffers and memory variables are
initialized. Interrupts are programmed and enabled. Then, defi-
nite signatures are written “Command buffer” to inform the
host that the SHARC Melody Ultra is ready to receive the com-
mands. Once commands are issued by the host microcontroller,
they are executed and appropriate actions take place. Decoding
is handled by issuing appropriate commands from the host
microcontroller.
The kernel communicates with the library module for a particu-
lar algorithm in a defined way. The details are found in the
specific implementation documents. As the kernel is modular, it
is easy to customize to different hardware platforms. Most of
the time, users need to change the initialization code to suit the
particular codec chosen.
DECODING
LIBRARY
EXECUTIVE KERNEL
INPUT STREAM
OUTPUT STREAM
Figure 3. Software
The SHARC Melody Ultra includes a 100 MHz core, dual-
ported on-chip SRAM, an integrated I/O processor with multi-
processing support, and multiple internal buses to eliminate I/O
bottlenecks. The SHARC Melody Ultra offers a Single-
Instruction-Multiple-Data (SIMD) architecture, using two
computational units. Fabricated in a state of the art, high speed,
low power CMOS process, the SHARC Melody Ultra has a 10 ns
instruction cycle time.
With its SIMD computational hardware running at 100 MHz,
the SHARC Melody Ultra can perform 600 million math opera-
tions per second.
shows performance benchmarks for
the SHARC Melody Ultra.
Table 1
Rev. 0 | Page 5 of 28


Número de pieza similar - ADSST-21161NKCA100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ADSST-21065LCS-240 STMICROELECTRONICS-ADSST-21065LCS-240 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKCA-240 STMICROELECTRONICS-ADSST-21065LKCA-240 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKCA-264 STMICROELECTRONICS-ADSST-21065LKCA-264 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKS-240 STMICROELECTRONICS-ADSST-21065LKS-240 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKS-264 STMICROELECTRONICS-ADSST-21065LKS-264 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
More results

Descripción similar - ADSST-21161NKCA100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-21371 AD-ADSP-21371_07 Datasheet
2Mb / 48P
   SHARC짰 Processor
REV. 0
logo
List of Unclassifed Man...
W567SXXX ETC2-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX ETC2-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Winbond
W567SXXX WINBOND-W567SXXX Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com