Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018864 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0622018864
Descripción Electrónicos  Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018864 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0622018864 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018864 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/14/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1703901002
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm,
Unguided, 12 Columns, 144 Circuits, Lead Free
Documents:
3D Model
Application Specification AS-76060-990-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-170540-999-001 (PDF)
General
Product Family
Backplane Connectors
Series
170390
Application
Mezzanine
Application Tooling Documents
TM-622018799
Component Type
PCB Receptacle
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
887191265483
Physical
Circuits (Loaded)
144
Circuits (maximum)
144
Color - Resin
Gray
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
11.070/g
Number of Columns
12
Number of Pairs
4
Number of Rows
12
Orientation
Vertical
PC Tail Length
1.40mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.35mm, 1.90mm
Pitch - Termination Interface
1.35mm, 1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
85Ω
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
170390 Series
Mates With
170340 Impact™ 85 Ohm Plus Right Angle
Receptacle, 170390 Impact™ 85 Ohm Plus
Vertical Mezzanine Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Press-In Tool for
Impact™ Vertical
Female Signal
0622018864


Número de pieza similar - 0622018864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018864 MOLEX11-0622018864 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 37.00mm
0622018864 MOLEX11-0622018864 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
0622018864 MOLEX1-0622018864 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
0622018864 MOLEX1-0622018864 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 37.00mm
0622018864 MOLEX1-0622018864 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
More results

Descripción similar - 0622018864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
1703905008 MOLEX11-1703905008 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703901007 MOLEX1-1703901007_17 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703905008 MOLEX1-1703905008_17 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703901000 MOLEX1-1703901000_17 Datasheet
41Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703901000 MOLEX11-1703901000 Datasheet
41Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703901006 MOLEX1-1703901006_17 Datasheet
39Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703903002 MOLEX1-1703903002_17 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703903008 MOLEX1-1703903008_17 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703901007 MOLEX11-1703901007 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
1703903002 MOLEX11-1703903002 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 4 Pair Mezzanine Receptacle, Stack Height 18.00mm
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com