Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CMFB35Z103JNT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza CMFB35Z103JNT
Descripción Electrónicos  Chip NTC Thermistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CMFB35Z103JNT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMFB35Z103JNT Datasheet HTML 1Page - List of Unclassifed Manufacturers CMFB35Z103JNT Datasheet HTML 2Page - List of Unclassifed Manufacturers CMFB35Z103JNT Datasheet HTML 3Page - List of Unclassifed Manufacturers CMFB35Z103JNT Datasheet HTML 4Page - List of Unclassifed Manufacturers CMFB35Z103JNT Datasheet HTML 5Page - List of Unclassifed Manufacturers CMFB35Z103JNT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
Part Numbering
Main Techno-Parameter
� Resistance Tolerance ( F: ±1, G: ±3, H: ±5, J: ±5, K: ±10 )
• B-Value Tolerance ( F:±1% , G: ±2%, H: ±3% )
• Operating Temperature Range -40° – +125°C
• Rated Power: 0603 series 100mw, 0805 series 200mw, 1206 series 250mw
• Special type can be produced.


Número de pieza similar - CMFB35Z103JNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
CMFB332F3300HANT LEIDITECH-CMFB332F3300HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
CMFB332G3300HANT LEIDITECH-CMFB332G3300HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
CMFB332H3300HANT LEIDITECH-CMFB332H3300HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
CMFB332J3300HANT LEIDITECH-CMFB332J3300HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
CMFB332K3300HANT LEIDITECH-CMFB332K3300HANT Datasheet
1Mb / 7P
   CHIP NTC THERMISTOR
More results

Descripción similar - CMFB35Z103JNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CMFX30F102 ETC2-CMFX30F102 Datasheet
759Kb / 6P
   Chip NTC Thermistors
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473FTBX TDK-NTCG064BF473FTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473JTBX TDK-NTCG064BF473JTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com