Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2628LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SK2628LS
Descripción Electrónicos  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2628LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK2628LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2628LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2628LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2628LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2628LS
No.7082-3/4
IF -- VSD
3
2
2
0.01
0.001
5
7
3
2
0.1
5
7
3
2
1.0
5
7
3
2
10
5
7
3
1.2
0
1.5
0.6
0.3
0.9
Ciss
Coss
Crss
f=1MHz
0
Ciss, Coss, Crss -- VDS
3
2
100
5
7
3
2
1000
7
5
15
20
25
30
510
Operation in this area
is limited by RDS(on).
10µ
s
100
µs
1ms
10ms
100ms
DC
operation
2
A S O
0.1
2
5
3
0.01
2
5
3
7
1.0
2
5
3
7
10
2
5
3
7
37
5
10
23
7
52
3
7
5
100
1.0
1000
IT03680
IT03679
SW Time -- ID
5
100
2
1000
10
7
3
5
2
7
3
1.0
2
0.1
53
2
37
10
25
37
td(on)
td(off)
tf
tr
VDD=200V
IT03682
IT03683
40
35
30
25
20
10
5
15
0
0
20
40
60
80
100
120
140
160
PD -- Tc
IT03685
IDP=24A
ID=6A
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
IT03684
10
8
6
2
4
0
0
5
10
15
20
25
30
VGS -- Qg
IT03681
<1
µs
Tc=
--25
°C
25
°C
75
°C
VDS=10V
VGS=0
yfs -- ID
5
10
1.0
2
3
0.1
7
27
35
0.1
1.0
27
35
10
2
IT03678
5
2
3
7
VDS=200V
ID=6A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
Ambient Temperature, Ta --
°C
Total Gate Charge, Qg -- nC
Tc=25
°C
Single pulse


Número de pieza similar - 2SK2628LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2628LS ISC-2SK2628LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2628LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com