Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA6852MZ Datasheet(PDF) 11 Page - Sanken electric

No. de pieza SMA6852MZ
Descripción Electrónicos  High Voltage 3-Phase Motor Driver ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6852MZ Datasheet(HTML) 11 Page - Sanken electric

Back Button SMA6852MZ Datasheet HTML 5Page - Sanken electric SMA6852MZ Datasheet HTML 6Page - Sanken electric SMA6852MZ Datasheet HTML 7Page - Sanken electric SMA6852MZ Datasheet HTML 8Page - Sanken electric SMA6852MZ Datasheet HTML 9Page - Sanken electric SMA6852MZ Datasheet HTML 10Page - Sanken electric SMA6852MZ Datasheet HTML 11Page - Sanken electric SMA6852MZ Datasheet HTML 12Page - Sanken electric SMA6852MZ Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
High Voltage 3-Phase Motor Driver ICs
SMA685xM Series
Sanken Electric Co., Ltd.
I02-005JB-070823
March, 2015
8. Packing Specifications
8-1. Leadform 2451 (Dimensions in Millimeters)
■ Tube Type: SCM-C
590
11.5
23.8
X
■ Corrugated Shipping Carton
130
185
610
Z
Y
Rubber plug each end
Maximum 18 pieces per tube
(pins aligned along X direction)
Maximum 15 tubes in Y direction
Maximum 4 layers in Z direction
Maximum pieces per carton:
18 pieces per tube
15 tubes per layer
×
4 layers of tubes
1080 pieces per carton


Número de pieza similar - SMA6852MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
More results

Descripción similar - SMA6852MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
   600V High Voltage 3-phase Motor Driver ICs
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
   Low Voltage 3-Phase Brushless Motor Driver ICs
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
   3-Phase Stepper Motor Driver ICs
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com