Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LVXT4053DTRG Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC74LVXT4053DTRG
Descripción Electrónicos  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053DTRG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74LVXT4053DTRG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 9Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 10Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 11Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 12Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 13Page - ON Semiconductor MC74LVXT4053DTRG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC74LVXT4053
www.onsemi.com
10
Figure 17. Power Dissipation Capacitance, Test Set−Up
ON/OFF
12
VCC
NC
OFF/ON
10 − 11,
13 − 14
Channel
Select
15
VIL
VCC
A
Figure 18. Total Harmonic Distortion, Test Set−Up
6
7
8
9 − 11
HP3466
DMM
16
50 KW
)V
COM
HP3466
DMM
)V
COM
HP E3630A
DC Pwr Supply
COM
)20 V *20 V
HP 339
Distortion Measurement Set
Analyzer
Input
COM
Oscillator
Output COM
RL
CL
ON
OFF
Channel Selects connected
to DC bias supply or ground
and appropriately configured
to test each switch.


Número de pieza similar - MC74LVXT4053DTRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT4053DTR2 ONSEMI-MC74LVXT4053DTR2 Datasheet
141Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 3
MC74LVXT4053DTR2 ONSEMI-MC74LVXT4053DTR2 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
More results

Descripción similar - MC74LVXT4053DTRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com