Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X-NUCLEO-IHM04A1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza X-NUCLEO-IHM04A1
Descripción Electrónicos  Dual brush DC motor driver expansion board based on L6206 for STM32 Nucleo
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-NUCLEO-IHM04A1 Datasheet(HTML) 1 Page - STMicroelectronics

  X-NUCLEO-IHM04A1 Datasheet HTML 1Page - STMicroelectronics X-NUCLEO-IHM04A1 Datasheet HTML 2Page - STMicroelectronics X-NUCLEO-IHM04A1 Datasheet HTML 3Page - STMicroelectronics X-NUCLEO-IHM04A1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
July 2015
DocID028069 Rev 1
1/1
For further information contact your local STMicroelectronics sales
office
www.st.com
X-NUCLEO-IHM04A1
Dual brush DC motor driver expansion board based on L6206 for
STM32 Nucleo
Data brief
Features
Voltage range from 8 V to 50 V max.
Phase current up to 2.8 A r.m.s.
Direct output driving
Mounting position for shunt resistors
available
Undervoltage lockout
Programmable high side overcurrent
protection
Thermal protection shutdown
Compatible with Arduino UNO R3 connector
Compatible with STM32 Nucleo boards
RoHS compliant
Description
The X-NUCLEO-IHM04A1 is a dual brush DC
motor drive expansion board based on the L6206
(DMOS dual full bridge driver) to drive dual
bipolar DC or quad unipolar DC motors. It
provides an affordable and easy-to-use solution
for driving DC motors in your STM32 Nucleo
project. The X-NUCLEO-IHM04A1 is compatible
with the Arduino UNO R3 connector, and
supports the addition of other expansion boards
with a single STM32 Nucleo board. The user can
also mount the ST Morpho connector.


Número de pieza similar - X-NUCLEO-IHM04A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
X-NUCLEO-IHM01A1 STMICROELECTRONICS-X-NUCLEO-IHM01A1 Datasheet
224Kb / 3P
   Evaluation kit for education on motor control and control systems
March 2020
X-NUCLEO-IHM02A1 STMICROELECTRONICS-X-NUCLEO-IHM02A1 Datasheet
306Kb / 7P
   Two axis stepper motor driver expansion board based on the L6470 for STM32 Nucleo
December 2015
X-NUCLEO-IHM03A1 STMICROELECTRONICS-X-NUCLEO-IHM03A1 Datasheet
453Kb / 4P
   High power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
June 2015
X-NUCLEO-IHM05A1 STMICROELECTRONICS-X-NUCLEO-IHM05A1 Datasheet
264Kb / 4P
   Bipolar stepper motor driver expansion board based on the L6208 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-IHM06A1 STMICROELECTRONICS-X-NUCLEO-IHM06A1 Datasheet
379Kb / 4P
   Low voltage stepper motor driver expansion board based on the STSPIN220 for STM32 Nucleo
June 2016
More results

Descripción similar - X-NUCLEO-IHM04A1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
X-NUCLEO-IHM15A1 STMICROELECTRONICS-X-NUCLEO-IHM15A1 Datasheet
243Kb / 4P
   Dual brush DC motor driver expansion board based on STSPIN840 for STM32 Nucleo
May 2018
X-NUCLEO-IHM12A1 STMICROELECTRONICS-X-NUCLEO-IHM12A1 Datasheet
292Kb / 4P
   Low voltage dual brush DC motor driver expansion board based on STSPIN240 for STM32 Nucleo
September 2016 Rev 1
X-NUCLEO-IHM13A1 STMICROELECTRONICS-X-NUCLEO-IHM13A1 Datasheet
294Kb / 4P
   Low voltage brush DC motor driver expansion board for STM32 Nucleo based on the STSPIN250
December 2016 Rev 1
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
   Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
   Stepper motor driver expansion board based on L6474 for STM32 Nucleo
March 2015 Rev 2
X-NUCLEO-LED61A1 STMICROELECTRONICS-X-NUCLEO-LED61A1 Datasheet
568Kb / 4P
   DC-DC LED driver expansion board based on LED6001 for STM32 Nucleo
December 2015 Rev 1
X-NUCLEO-IHM07M1 STMICROELECTRONICS-X-NUCLEO-IHM07M1 Datasheet
6Mb / 7P
   Three-phase brushless DC motor driver expansion board based on L6230 for STM32 Nucleo
Rev 2 - July 2021
X-NUCLEO-IHM16M1 STMICROELECTRONICS-X-NUCLEO-IHM16M1 Datasheet
816Kb / 8P
   Three-phase brushless DC motor driver expansion board based on STSPIN830 for STM32 Nucleo
July 2021
X-NUCLEONUCLEO-IHM08M1 STMICROELECTRONICS-X-NUCLEONUCLEO-IHM08M1 Datasheet
777Kb / 6P
   Low-Voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
June 2017 Rev 3
X-NUCLEO-IHM03A1 STMICROELECTRONICS-X-NUCLEO-IHM03A1 Datasheet
453Kb / 4P
   High power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
June 2015
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com