Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPL0401A-10-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPL0401A-10-Q1
Descripción  128-TAPS Single-Channel Digital Potentiometer with I2C Interface
Descarga  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPL0401A-10-Q1 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
TPL0401A-10-Q1
TPL0401B-10-Q1
SLIS182 – NOVEMBER 2016
www.ti.com
Product Folder Links: TPL0401A-10-Q1 TPL0401B-10-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
VDD to GND
–0.3
7
V
IH, IL, IW
Continuous current
±5
mA
VI
Digital input pins (SDA, SCL)
–0.3
VDD + 0.3
V
Potentiometer pins (H, W)
–0.3
VDD + 0.3
TJ(MAX)
Maximum junction temperature
130
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2500
V
Charged-device model (CDM), per AEC Q100-011
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage
2.7
5.5
V
VW,VH, SDA, SCL
Terminal voltage
0
VDD
V
VIH
Voltage input high ( SCL, SDA )
0.7 × VDD
VDD
V
VIL
Voltage input low ( SCL, SDA )
0
0.3 × VDD
V
IW
Wiper current
–2
2
mA
TA
Ambient operating temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPL0401x-10-Q1
UNIT
DCK (SC70)
6 PINS
RθJA
Junction-to-ambient thermal resistance
234
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
110.5
°C/W
RθJB
Junction-to-board thermal resistance
79
°C/W
ψJT
Junction-to-top characterization parameter
7.2
°C/W
ψJB
Junction-to-board characterization parameter
77
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
7.5 Electrical Characteristics
Typical values are specified at 25°C and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RTOTAL
End-to-end resistance
8
10
12
k
RH
Terminal resistance
100
200
RW
Wiper resistance
35
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn