Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR23630 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR23630
Descripción Electrónicos  SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMR23630 Datasheet HTML 5Page - Texas Instruments LMR23630 Datasheet HTML 6Page - Texas Instruments LMR23630 Datasheet HTML 7Page - Texas Instruments LMR23630 Datasheet HTML 8Page - Texas Instruments LMR23630 Datasheet HTML 9Page - Texas Instruments LMR23630 Datasheet HTML 10Page - Texas Instruments LMR23630 Datasheet HTML 11Page - Texas Instruments LMR23630 Datasheet HTML 12Page - Texas Instruments LMR23630 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
IOUT (A)
0
0.5
1
1.5
2
2.5
3
4.99
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
D004
VIN = 12 V
VIN = 24 V
VIN = 36 V
IOUT (A)
0
0.5
1
1.5
2
2.5
3
5
5.005
5.01
5.015
D005
VIN = 12 V
VIN = 24 V
VIN = 36 V
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D003
PFM, VIN = 12 V
PFM, VIN = 24 V
PFM, VIN = 36 V
FPWM, VIN = 12 V
FPWM, VIN = 24 V
FPWM, VIN = 36 V
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D004
PFM, VIN = 12 V
PFM, VIN = 24 V
PFM, VIN = 36 V
FPWM, VIN = 12 V
FPWM, VIN = 24 V
FPWM, VIN = 36 V
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D001
PFM, VIN = 12 V
PFM, VIN = 24 V
PFM, VIN = 36 V
FPWM, VIN = 12 V
FPWM, VIN = 24 V
FPWM, VIN = 36 V
IOUT (A)
1E-5
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
D002
PFM, VIN = 12 V
PFM, VIN = 24 V
PFM, VIN = 36 V
FPWM, VIN = 12 V
FPWM, VIN = 24 V
FPWM, VIN = 36 V
9
LMR23630-Q1
www.ti.com
SNVSAR6 – DECEMBER 2016
Product Folder Links: LMR23630-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.8 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 12 V, fSW = 400 kHz, L = 8.2 µH, COUT = 150 µF, TA = 25 °C.
fSW = 400 kHz
VOUT = 5 V
Figure 1. Efficiency vs. Load Current
fSW = 400 kHz
VOUT = 3.3 V
Figure 2. Efficiency vs. Load Current
fSW = 200 kHz
(Sync)
VOUT = 5 V
Figure 3. Efficiency vs. Load Current
fSW = 200 kHz
(Sync)
VOUT = 3.3 V
Figure 4. Efficiency vs. Load Current
PFM Option
VOUT = 5 V
Figure 5. Load Regulation
FPWM Option
VOUT = 5 V
Figure 6. Load Regulation


Número de pieza similar - LMR23630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Descripción similar - LMR23630

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com