Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP411BDGKTG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
TMP411BDGKTG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 33 page TMP411 SBOS383C − DECEMBER 2006 − REVISED MAY 2008 www.ti.com 9 Table 3. Register Map POINTER ADDRESS (HEX) POWER-ON RESET BIT DESCRIPTIONS READ WRITE RESET (HEX) D7 D6 D5 D4 D3 D2 D1 D0 REGISTER DESCRIPTIONS 00 NA(1) 00 LT11 LT10 LT9 LT8 LT7 LT6 LT5 LT4 Local Temperature (High Byte) 01 NA 00 RT11 RT10 RT9 RT8 RT7 RT6 RT5 RT4 Remote Temperature (High Byte) 02 NA XX BUSY LHIGH LLOW RHIGH RLOW OPEN RTHRM LTHRM Status Register 03 09 00 MASK1 SD AL/TH 0 0 RANGE 0 0 Configuration Register 04 0A 08 0 0 0 0 R3 R2 R1 R0 Conversion Rate Register 05 0B 55 LTH11 LTH10 LTH9 LTH8 LTH7 LTH6 LTH5 LTH4 Local Temperature High Limit (High Byte) 06 0C 00 LTL11 LTL10 LTL9 LTL8 LTL7 LTL6 LTL5 LTL4 Local Temperature Low Limit (High Byte) 07 0D 55 RTH11 RTH10 RTH9 RTH8 RTH7 RTH6 RTH5 RTH4 Remote Temperature High Limit (High Byte) 08 0E 00 RTL11 RTL10 RTL9 RTL8 RTL7 RTL6 RTL5 RTL4 Remote Temperature Low Limit (High Byte) NA 0F XX X(2) X X X X X X X One-Shot Start 10 NA 00 RT3 RT2 RT1 RT0 0 0 0 0 Remote Temperature (Low Byte) 13 13 00 RTH3 RTH2 RTH1 RTH0 0 0 0 0 Remote Temperature High Limit (Low Byte) 14 14 00 RTL3 RTL2 RTL1 RTL0 0 0 0 0 Remote Temperature Low Limit (Low Byte) 15 NA 00 LT3 LT2 LT1 LT0 0 0 0 0 Local Temperature (Low Byte) 16 16 00 LTH3 LTH2 LTH1 LTH0 0 0 0 0 Local Temperature High Limit (Low Byte) 17 17 00 LTL3 LTL2 LTL1 LTL0 0 0 0 0 Local Temperature Low Limit (Low Byte) 18 18 00 NC7 NC6 NC5 NC4 NC3 NC2 NC1 NC0 N-factor Correction 19 19 55 RTHL11 RTHL10 RTHL9 RTHL8 RTHL7 RTHL6 RTHL5 RTHL4 Remote THERM Limit 1A 1A 1C 0 0 0 1 1 1 RES1 RES0 Resolution Register 20 20 55 LTHL11 LTHL10 LTHL9 LTHL8 LTHL7 LTHL6 LTHL5 LTHL4 Local THERM Limit 21 21 0A TH11 TH10 TH9 TH8 TH7 TH6 TH5 TH4 THERM Hysteresis 22 22 81 TO_EN 0 0 0 C2 C1 C0 0 Consecutive Alert Register 30 30 FF LMT11 LMT10 LMT9 LMT8 LMT7 LMT6 LMT5 LMT4 Local Temperature Minimum (High Byte) 31 31 F0 LMT3 LMT2 LMT1 LMT0 0 0 0 0 Local Temperature Minimum (Low Byte) 32 32 00 LXT11 LXT10 LXT9 LXT8 LXT7 LXT6 LXT5 LXT4 Local Temperature Maximum (High Byte) 33 33 00 LXT3 LXT2 LXT1 LXT0 0 0 0 0 Local Temperature Maximum (Low Byte) 34 34 FF RMT11 RMT10 RMT9 RMT8 RMT7 RMT6 RMT5 RMT4 Remote Temperature Minimum (High Byte) 35 35 F0 RMT3 RMT2 RMT1 RMT0 0 0 0 0 Remote Temperature Minimum (Low Byte) 36 36 00 RXT11 RXT10 RXT9 RXT8 RXT7 RXT6 RXT5 RXT4 Remote Temperature Maximum (High Byte) 37 37 00 RXT3 RXT2 RXT1 RXT0 0 0 0 0 Remote Temperature Maximum (Low Byte) NA FC XX X(2) X X X X X X X Software Reset FE NA 55 0 1 0 1 0 1 0 1 Manufacturer ID FF NA 12 0 0 0 1 0 0 1 0 Device ID for TMP411A FF NA 13 0 0 0 1 0 0 1 1 Device ID for TMP411B FF NA 10 0 0 0 1 0 0 0 0 Device ID for TMP411C (1) NA = not applicable; register is write- or read-only. (2) X = indeterminate state. |
Número de pieza similar - TMP411BDGKTG4 |
|
Descripción similar - TMP411BDGKTG4 |